Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT158D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HCT158D
Description  Quad 2-input multiplexer; inverting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT158D Datasheet(HTML) 5 Page - NXP Semiconductors

  74HCT158D Datasheet HTML 1Page - NXP Semiconductors 74HCT158D Datasheet HTML 2Page - NXP Semiconductors 74HCT158D Datasheet HTML 3Page - NXP Semiconductors 74HCT158D Datasheet HTML 4Page - NXP Semiconductors 74HCT158D Datasheet HTML 5Page - NXP Semiconductors 74HCT158D Datasheet HTML 6Page - NXP Semiconductors 74HCT158D Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
December 1990
5
Philips Semiconductors
Product specification
Quad 2-input multiplexer; inverting
74HC/HCT158
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
nI0,nI1 to nY
41
15
12
125
25
21
155
31
26
190
38
32
ns
2.0
4.5
6.0
Fig.7
tPHL/ tPLH
propagation delay
E to nY
47
17
14
145
29
25
180
36
31
220
44
38
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH
propagation delay
S to nY
47
17
14
145
29
25
180
36
31
220
44
38
ns
2.0
4.5
6.0
Fig.7
tTHL/ tTLH
output transition
time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Figs 6 and 7


Similar Part No. - 74HCT158D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT151 PHILIPS-74HCT151 Datasheet
48Kb / 7P
   8-input multiplexer
December 1990
logo
Nexperia B.V. All right...
74HCT151 NEXPERIA-74HCT151 Datasheet
280Kb / 16P
   8-input multiplexer
Rev. 10 - 19 October 2022
logo
NXP Semiconductors
74HCT151D PHILIPS-74HCT151D Datasheet
48Kb / 7P
   8-input multiplexer
December 1990
logo
Nexperia B.V. All right...
74HCT151D NEXPERIA-74HCT151D Datasheet
280Kb / 16P
   8-input multiplexer
Rev. 10 - 19 October 2022
74HCT151D-Q100 NEXPERIA-74HCT151D-Q100 Datasheet
764Kb / 17P
   8-input multiplexer
More results

Similar Description - 74HCT158D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10159 ONSEMI-MC10159_02 Datasheet
89Kb / 4P
   Quad 2-Input Multiplexer (Inverting)
January, 2002 ??Rev. 7
MC10159 ONSEMI-MC10159 Datasheet
109Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
logo
NXP Semiconductors
74HC158 PHILIPS-74HC158_15 Datasheet
90Kb / 16P
   Quad 2-input multiplexer; inverting
Rev. 03-12 November 2004
logo
ON Semiconductor
MC10H159 ONSEMI-MC10H159 Datasheet
104Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
logo
Nexperia B.V. All right...
74HC158 NEXPERIA-74HC158 Datasheet
693Kb / 16P
   Quad 2-input multiplexer; inverting
Rev. 4 - 23 December 2015
logo
ON Semiconductor
MC10158 ONSEMI-MC10158_02 Datasheet
88Kb / 4P
   Quad 2-Input Multiplexer (Non-Inverting)
January, 2002 ??Rev. 7
MC10158 ONSEMI-MC10158 Datasheet
107Kb / 4P
   Quad 2-Input Multiplexer(Non-Inverting)
1996 REV 5
logo
Intersil Corporation
CD54AC157 INTERSIL-CD54AC157 Datasheet
8Kb / 1P
   Quad 2-Input Multiplexer Non-Inverting
June 1997
logo
ON Semiconductor
MC10H158 ONSEMI-MC10H158 Datasheet
103Kb / 4P
   Quad 2-Input Multiplexer(Non-Inverting)
REV 5
logo
NXP Semiconductors
74HC258 NXP-74HC258 Datasheet
100Kb / 14P
   Quad 2-input multiplexer; 3-state; inverting
Rev. 04-14 April 2008
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com