Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83C554F Datasheet(PDF) 89 Page - Winbond

Part # W83C554F
Description  SYSTEM I/O CONTROLLER WITH PCI ARBITER & UltraDMA/33 IDE Controller
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83C554F Datasheet(HTML) 89 Page - Winbond

Back Button W83C554F Datasheet HTML 85Page - Winbond W83C554F Datasheet HTML 86Page - Winbond W83C554F Datasheet HTML 87Page - Winbond W83C554F Datasheet HTML 88Page - Winbond W83C554F Datasheet HTML 89Page - Winbond W83C554F Datasheet HTML 90Page - Winbond W83C554F Datasheet HTML 91Page - Winbond W83C554F Datasheet HTML 92Page - Winbond W83C554F Datasheet HTML 93Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 156 page
background image
W83C554F
Register Information
WINBOND ELECTRONICS CORP. AMERICA
87
Scatter/Gather Registers
Scatter/Gather (S/G) provides the capability of transferring multiple buffers between memory (ISA/PCI) and I/O (ISA DMA
device) without CPU intervention. In Scatter/Gather the DMA can read the memory address and word count from an array of
buffer descriptors located in system memory (PCI only), called the Scatter/Gather Descriptor (SGD) table. This allows the
DMA controller to sustain DMA transfers until all of the buffers in the SGD table are transferred.
Software prepares a SGD table in system memory. Each SGD is 8-bytes long and consists of an address pointer to the
starting address and the byte count (number of bytes) of the memory buffer to be transferred. In any given SGD table, two
consecutive SGDs are offset by 8-bytes and are aligned on a 4-byte boundary. Each SGD is defined below. For an 8-bit
DMA I/O device:
For a 16-bit DMA I/O device, bit 0 of the Memory Buffer Starting Address and byte count must be 0.
Bit 31 of Dword 1 is the end of Link Flag. Bus master operation terminates upon completion of the description entry that has
EOL set.
The SGD table cannot cross a 64k memory boundary.
The addresses of all of the registers located from 43Fh to 40Ah (except 40Bh) are relocatable by programming the
Scatter/Gather Relocation Base Address Register (Function 0, address 41h) in the PCI Configuration Space. These registers
are marked with an asterisk (*).


Similar Part No. - W83C554F

ManufacturerPart #DatasheetDescription
logo
Winbond
W83C553F WINBOND-W83C553F Datasheet
3Mb / 159P
   SYSTEM I/O CONTROLLER WITH PCI ARBITER
More results

Similar Description - W83C554F

ManufacturerPart #DatasheetDescription
logo
Winbond
W83C553F WINBOND-W83C553F Datasheet
3Mb / 159P
   SYSTEM I/O CONTROLLER WITH PCI ARBITER
logo
National Semiconductor ...
PC87410 NSC-PC87410 Datasheet
197Kb / 16P
   PC87410 PCI-IDE Interface Controller
logo
List of Unclassifed Man...
VT82C686A ETC-VT82C686A Datasheet
45Kb / 5P
   PCI SUPER-I/O INTEGRATED PERIPHERAL CONTROLLER
VT82C686B ETC1-VT82C686B Datasheet
1Mb / 128P
   PCI Super-I/O Integrated Peripheral Controller
logo
National Semiconductor ...
PC87415 NSC-PC87415 Datasheet
374Kb / 42P
   PCI-IDE DMA Master Mode Interface Controller
logo
List of Unclassifed Man...
FDC37N958FR ETC1-FDC37N958FR Datasheet
999Kb / 316P
   Notebook I/O Controller with Enhanced Keyboard and System Control
SIS5595 ETC-SIS5595 Datasheet
2Mb / 216P
   Pentium PCI System I/O Chipset
logo
Intel Corporation
6300ESB INTEL-6300ESB Datasheet
7Mb / 848P
   I/O Controller Hub
logo
Red Lion Controls. Inc
ST-GT-1210 REDLION-ST-GT-1210 Datasheet
317Kb / 1P
   Indusrial I/O Controller
logo
Holtek Semiconductor In...
HT6550 HOLTEK-HT6550 Datasheet
1Mb / 39P
   Super I/O Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com