Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83C554F Datasheet(PDF) 63 Page - Winbond

Part # W83C554F
Description  SYSTEM I/O CONTROLLER WITH PCI ARBITER & UltraDMA/33 IDE Controller
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83C554F Datasheet(HTML) 63 Page - Winbond

Back Button W83C554F Datasheet HTML 59Page - Winbond W83C554F Datasheet HTML 60Page - Winbond W83C554F Datasheet HTML 61Page - Winbond W83C554F Datasheet HTML 62Page - Winbond W83C554F Datasheet HTML 63Page - Winbond W83C554F Datasheet HTML 64Page - Winbond W83C554F Datasheet HTML 65Page - Winbond W83C554F Datasheet HTML 66Page - Winbond W83C554F Datasheet HTML 67Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 156 page
background image
W83C554F
Register Information
WINBOND ELECTRONICS CORP. AMERICA
61
BIOS Timer Base Address Register (default = 0078h)
Type:
Read/Write
Function:
The base address for the BIOS Timer Register located in PCI I/O space. The BIOS Timer resides in the
W83C554F and is the only internal resource mapped to PCI I/O space.
Bit Description:
Bits [15:2]:
BTMRBA. BIOS Timer Base Address. This register specifies the Base Address 15:2 for the
BIOS Timer register located in the I/O space. The lower two bits of the base address are 00
(Dword aligned). The value of this register points to 78h (0000_0000_0111_10xx) after a reset.
Bit 1:
Reserved.
Bit 0:
BTMRE. Timer Enable. When this bit is set to "1", the BIOS timer function is enabled and the
base address of the timer registers is programmed in Bits [15:2].


Similar Part No. - W83C554F

ManufacturerPart #DatasheetDescription
logo
Winbond
W83C553F WINBOND-W83C553F Datasheet
3Mb / 159P
   SYSTEM I/O CONTROLLER WITH PCI ARBITER
More results

Similar Description - W83C554F

ManufacturerPart #DatasheetDescription
logo
Winbond
W83C553F WINBOND-W83C553F Datasheet
3Mb / 159P
   SYSTEM I/O CONTROLLER WITH PCI ARBITER
logo
National Semiconductor ...
PC87410 NSC-PC87410 Datasheet
197Kb / 16P
   PC87410 PCI-IDE Interface Controller
logo
List of Unclassifed Man...
VT82C686A ETC-VT82C686A Datasheet
45Kb / 5P
   PCI SUPER-I/O INTEGRATED PERIPHERAL CONTROLLER
VT82C686B ETC1-VT82C686B Datasheet
1Mb / 128P
   PCI Super-I/O Integrated Peripheral Controller
logo
National Semiconductor ...
PC87415 NSC-PC87415 Datasheet
374Kb / 42P
   PCI-IDE DMA Master Mode Interface Controller
logo
List of Unclassifed Man...
FDC37N958FR ETC1-FDC37N958FR Datasheet
999Kb / 316P
   Notebook I/O Controller with Enhanced Keyboard and System Control
SIS5595 ETC-SIS5595 Datasheet
2Mb / 216P
   Pentium PCI System I/O Chipset
logo
Intel Corporation
6300ESB INTEL-6300ESB Datasheet
7Mb / 848P
   I/O Controller Hub
logo
Red Lion Controls. Inc
ST-GT-1210 REDLION-ST-GT-1210 Datasheet
317Kb / 1P
   Indusrial I/O Controller
logo
Holtek Semiconductor In...
HT6550 HOLTEK-HT6550 Datasheet
1Mb / 39P
   Super I/O Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com