Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC40-48T0512 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FDC40-48T0512
Description  40 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FDC40-48T0512 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FDC40-48T0512 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDC40-48T0512 Datasheet HTML 2Page - List of Unclassifed Manufacturers FDC40-48T0512 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PIN CONNECTION
PIN
SINGLE
1
CTRL
2
+ INPUT
3
- INPUT
4
SYNC
5
TRIM DOWN
6
TRIM
DUAL
CTRL
+ INPUT
- INPUT
SYNC
+ OUTPUT
COMMON
TRIPLE
CTRL
+ INPUT
- INPUT
SYNC
+ AUX
COMMON (AUX)
3.3V / 5V
CTRL
+ INPUT
- INPUT
SYNC
+3.3V
COMMON
7
TRIM UP
-OUTPUT
- AUX
+ 5V
8
+ OUTPUT
TRIM
+ OUTPUT(PRIMARY)
TRIM
9
- OUTPUT
NC
COMMON(PRIMARY)
NC
10
NO PIN
NC
TRIM
NC
1. All dimensions in Inches (mm)
2. Pin pitch tolerance
I0.014(0.35)
10
4
3
2
1
6
7
8
9
5
2.60 (66.0)
0.70 (17.8)
0.60 (15.2)
0.40
(10.2)
0.40
(10.2)
0.40
(10.2)
0.40
(10.2)
0.40
(10.2)
0.50
(12.7)
0.30 (7.6)
0.30 (7.6)
0.40
(10.2)
Bottom
View
0.32
(8.0)
Application of synchronization
1. The unit is capable of external synchronization from an
independent time base with a switching rate between 200kHz
and 215kHz
2. The amplitude of the synchronizing pulse train is TTL
compatible
3. The duty cycle of the CLK should be 20% high and 80% low
4. Synchronization is referenced to negative input (-Vin)
CTRL
+
-
3
2
1
Converter
ON/OFF Control
+ Vin
- Vin
ON/OFF Control application
Sync
+
-
3
2
4
Converter 1
+ Vin
- Vin
+
-
3
2
4
Converter 2
CLK
20%
80%
CLK Signal
2N7000
Sync
Output can be externally trimmed by
using the method shown below.
(
) for dual output trim
[
] for triple output trim
{
} XXD3305 only trim 3.3V/5V
EXTERNAL OUTPUT TRIMMING
7 (7) [9] {6}
6 (8) [10] {8}
TRIM UP
RU
6 (8) [10] {8}
5 (5) [8] {5}
TRIM DOWN
RD


Similar Part No. - FDC40-48T0512

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
FDC40-48T0512 ASTRODYNE-FDC40-48T0512 Datasheet
540Kb / 5P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
More results

Similar Description - FDC40-48T0512

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FEC40 P-DUKE-FEC40_14 Datasheet
350Kb / 3P
   40 WATTS DC-DC CONVERTER
FEC40W P-DUKE-FEC40W_14 Datasheet
470Kb / 3P
   40 WATTS DC-DC CONVERTER
logo
Wall Industries,Inc.
DHW40 WALL-DHW40 Datasheet
796Kb / 12P
   40 Watts DC/DC Power Converter Single & Dual Outputs
logo
List of Unclassifed Man...
UM3500 ETC1-UM3500 Datasheet
96Kb / 2P
   40 Watts DC-DC Converters
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FED20 P-DUKE-FED20_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
   50 WATTS DC-DC CONVERTER
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com