Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3HG2128M72EEU-AD4 Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WV3HG2128M72EEU-AD4
Description  2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED, ECC w/PLL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG2128M72EEU-AD4 Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WV3HG2128M72EEU-AD4 Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG2128M72EEU-AD4 Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG2128M72EEU-AD4 Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG2128M72EEU-AD4 Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG2128M72EEU-AD4 Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG2128M72EEU-AD4 Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG2128M72EEU-AD4 Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG2128M72EEU-AD4 Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG2128M72EEU-AD4 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
WV3HG2128M72EEU-AD4
February 2006
Rev. 0
ADVANCED
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
NOTES:
SA2 does NOT connect to memory connector and is shown ONLY on Block Diagram
SA2 is tied LOW on memory module for all memory configurations
PIN CONFIGURATION
Pin No.
Symbol
Pin No.
Symbol
Pin No.
Symbol
Pin No.
Symbol
1VREF
51
DQ18
101
VCC
151
VSS
2VSS
52
VSS
102
A6
152
VSS
3
DQ0
53
DQ19
103
A5
153
DQS5#
4
DQ4
54
DQ28
104
A4
154
DM5
5VSS
55
VSS
105
A3
155
DQS5
6
DQ5
56
DQ29
106
VCC
156
VSS
7
DQ1
57
DQ24
107
A2
157
VSS
8VSS
58
VSS
108
A1
158
DQ46
9
DQS0#
59
DQ25
109
VCC
159
DQ42
10
DM0
60
DM3
110
A0
160
DQ47
11
DQS0
61
VSS
111
A10/AP
161
DQ43
12
VSS
62
VSS
112
BA1
162
VSS
13
VSS
63
DQS3#
113
BA0
163
VSS
14
DQ6
64
DQ30
114
VCC
164
DQ52
15
DQ2
65
DQS3
115
RAS#
165
DQ48
16
DQ7
66
DQ31
116
WE#
166
DQ53
17
DQ3
67
VSS
117
VCC
167
DQ49
18
VSS
68
VSS
118
CS0#
168
VSS
19
VSS
69
DQ26
119
CAS#
169
VSS
20
DQ12
70
CB4
120
ODT0
170
DM6
21
DQ8
71
DQ27
121
CS1#
171
DQS6#
22
DQ13
72
CB5
122
A13
172
VSS
23
DQ9
73
VSS
123
VCC
173
DQS6
24
VSS
74
VSS
124
VCC
174
DQ54
25
VSS
75
CB0
125
ODT1
175
VSS
26
DM1
76
DM8
126
CK
176
DQ55
27
DQS1#
77
CB1
127
NC/CS3#
177
DQ50
28
VSS
78
VSS
128
CK#
178
VSS
29
DQS1
79
VSS
129
DQ32
179
DQ51
30
DQ14
80
CB6
130
Vss
180
DQ60
31
VSS
81
DQS8#
131
VSS
181
VSS
32
DQ15
82
CB7
132
DQ36
182
DQ61
33
DQ10
83
DQS8
133
DQ33
183
DQ56
34
VSS
84
VCC
134
DQ37
184
VSS
35
DQ11
85
VSS
135
DQS4#
185
DQ57
36
DQ20
86
CB2
136
VSS
186
DM7
37
VSS
87
CKE0
137
DQS4
187
VSS
38
DQ21
88
CB3
138
DM4
188
DQ62
39
DQ16
89
CKE1
139
VSS
189
DQS7#
40
VSS
90
VSS
140
VSS
190
VSS
41
DQ17
91
NC/CS2#
141
DQ34
191
DQS7
42
NC
92
BA2
142
DQ38
192
DQ63
43
VSS
93
VCC
143
DQ35
193
DQ58
44
DM2
94
NC
144
DQ39
194
SDA
45
DQS2#
95
A12
145
VSS
195
VSS
46
VSS
96
A11
146
VSS
196
SCL
47
DQS2
97
A9
147
DQ40
197
DQ59
48
DQ22
98
VCC
148
DQ44
198
SA1
49
VSS
99
A7
149
DQ41
199
VCCSPD
50
DQ23
100
A8
150
DQ45
200
SA0
PIN NAMES
Pin Name
Function
A0-A13
Address Inputs
A10/AP
Address Input/Auto Precharge
BA0 - BA2
SDRAM Bank Address
DQ0-DQ63
Data Input/Output
CB0-CB7
Check Bits
DQS0-DQS8
Data strobes
DQS0#-DQS8#
Data strobes negative
ODT0, ODT1
On-die termination control
CK,CK#
Clock inputs, positive/negative
CKE0, CKE1
Clock enable input
CS0#, CS1#
Chip select input
RAS#
Row Address Strobe
CAS#
Column Address Strobe
WE#
Write Enable
VCC
Core Power (1.8V)
VSS
Ground
SA0-SA1
SPD address
SDA
Serial Data Input/Output
VREF
Input/Output Reference
DM0-DM8
Data-in mask
VCCSPD
Serial EEPROM power supply
SCL
Serial Presence Detect(SPD) Clock Input
NC
No Connect


Similar Part No. - WV3HG2128M72EEU-AD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG2128M72EEU-D6 WEDC-WV3HG2128M72EEU-D6 Datasheet
194Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED DIMM
More results

Similar Description - WV3HG2128M72EEU-AD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG2128M72AER-D6 WEDC-WV3HG2128M72AER-D6 Datasheet
152Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL
W3HG2128M72ACER-AD6 WEDC-W3HG2128M72ACER-AD6 Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3EG72255S-D3 WEDC-W3EG72255S-D3 Datasheet
247Kb / 15P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
WV3HG2128M72EEU-D6 WEDC-WV3HG2128M72EEU-D6 Datasheet
194Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED DIMM
W3EG2128M72AFSR-D3 WEDC-W3EG2128M72AFSR-D3 Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
WV3HG32M40SEU-PD4 WEDC-WV3HG32M40SEU-PD4 Datasheet
141Kb / 11P
   128MB - 32Mx40 DDR2 SDRAM UNBUFFERED, ECC, w/PLL
logo
List of Unclassifed Man...
SEU02G72D4BH2MT-30R ETC2-SEU02G72D4BH2MT-30R Datasheet
664Kb / 16P
   2GB ECC DDR2 ??SDRAM DIMM
SEU02G72T1BH2MT-2A[W]R ETC2-SEU02G72T1BH2MT-2A[W]R Datasheet
749Kb / 14P
   2GB ECC DDR2 ??SDRAM DIMM
logo
White Electronic Design...
WV3HG2128M64EEU-D6 WEDC-WV3HG2128M64EEU-D6 Datasheet
191Kb / 11P
   2GB - 2x128Mx64 DDR2 SDRAM UNBUFFERED
WV3HG2128M64EEU-D4 WEDC-WV3HG2128M64EEU-D4 Datasheet
199Kb / 11P
   2GB - 2x128Mx64 DDR2 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com