Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3HG264M72EEU806D6MG Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WV3HG264M72EEU806D6MG
Description  1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG264M72EEU806D6MG Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WV3HG264M72EEU806D6MG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG264M72EEU806D6MG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG264M72EEU806D6MG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG264M72EEU806D6MG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG264M72EEU806D6MG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG264M72EEU806D6MG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG264M72EEU806D6MG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG264M72EEU806D6MG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG264M72EEU806D6MG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
WV3HG264M72EEU-D6
January 2006
Rev. 0
ADVANCED*
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
1GB – 2x64Mx72 DDR2 SDRAM UNBUFFERED
DESCRIPTION
The WV3HG264M72EEU is a 2x64Mx74 Double Data
Rate DDR2 SDRAM high density module. This memory
module consists of eighteen 64Mx8 bit with 4 banks DDR2
Synchronous DRAMs in FBGA packages, mounted on a
240-pin DIMM FR4 substrate.
* This product is under development, is not qualified or characterized and is subject to
change or cancellation without notice.
NOTE: Consult factory for availability of:
• Vendor source control options
• Industrial temperature option
FEATURES
240-pin, dual in-line memory module (DIMM)
Fast data transfer rates: PC2-6400*, PC2-5300*,
PC2-4200 and PC2-3200
Utilizes 800*, 667*, 533 and 400 MT/s DDR2
SDRAM components
VCC = VCCQ = 1.8V ±0.1V
JEDEC standard 1.8V I/O (SSTL_18-compatible)
Differential data strobe (DQS, DQS#) option
Four-bit prefetch architecture
Programmable CAS# latency (CL): 3, 4, 5 and 6
On-die termination (ODT)
Serial Presence Detect (SPD) with EEPROM
Gold edge contacts
Dual Rank
RoHS compliant
Package
• 240 Pin DIMM: 30.00mm (1.181") TYP
OPERATING FREQUENCIES
PC2-3200
PC2-4200
PC2-5300*
PC2-6400*
Clock Speed
200MHz
266MHz
333MHz
400MHz
CL-tRCD-tRP
3-3-3
4-4-4
5-5-5
6-6-6
* Consult factory for availability


Similar Part No. - WV3HG264M72EEU806D6MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG264M72EEU806D7IMG WEDC-WV3HG264M72EEU806D7IMG Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
WV3HG264M72EEU806D7ISG WEDC-WV3HG264M72EEU806D7ISG Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
WV3HG264M72EEU806D7MG WEDC-WV3HG264M72EEU806D7MG Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
WV3HG264M72EEU806D7SG WEDC-WV3HG264M72EEU806D7SG Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
More results

Similar Description - WV3HG264M72EEU806D6MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72128S-D3 WEDC-W3EG72128S-D3 Datasheet
232Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED
WV3HG264M72EEU-D7 WEDC-WV3HG264M72EEU-D7 Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
W3EG264M72EFSUXXXD4 WEDC-W3EG264M72EFSUXXXD4 Datasheet
197Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM, UNBUFFERED, FBGA
WV3HG264M64EEU-D4 WEDC-WV3HG264M64EEU-D4 Datasheet
197Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
logo
White Electronic Design...
WV3HG264M64EEU-D6 WEDC-WV3HG264M64EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
logo
Elpida Memory
EBE11UD8AHWA ELPIDA-EBE11UD8AHWA Datasheet
213Kb / 28P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8ACFA ELPIDA-EBE10UE8ACFA Datasheet
242Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
logo
White Electronic Design...
WV3EG265M72EFSU-D4 WEDC-WV3EG265M72EFSU-D4 Datasheet
171Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM, UNBUFFERED, PLL, FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com