Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3HG264M72EEU806D7MG Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WV3HG264M72EEU806D7MG
Description  1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG264M72EEU806D7MG Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WV3HG264M72EEU806D7MG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG264M72EEU806D7MG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG264M72EEU806D7MG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG264M72EEU806D7MG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG264M72EEU806D7MG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG264M72EEU806D7MG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG264M72EEU806D7MG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG264M72EEU806D7MG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG264M72EEU806D7MG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
WV3HG264M72EEU-D7
May 2006
Rev. 0
ADVANCED
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
PIN NAMES
Pin Name
Function
A0-A13
Address Inputs
BA0,BA1
SDRAM Bank Address
DQ0-DQ63
Data Input/Output
CB0-CB7
Check Bits
DQS0-DQS8
Data strobes
DQS0#-DQS8#
Data strobes complement
ODT0, ODT1
On-die termination control
CK0,CK0#
Clock Inputs, positive line
CKE0, CKE1
Clock Enables
CS0#, CS1#
Chip Selects
RAS#
Row Address Strobe
CAS#
Column Address Strobe
WE#
Write Enable
DM (0-8)
Data Masks
VCCSPD
SPD Power
VCC
Voltage Supply
VCCQ
I/O Power
VSS
Ground
SA0-SA2
SPD address
SDA
SPD Data Input/Output
SCL
SPD Clock Input
VREF
Input/Output Reference
NC
No connect
PIN CONFIGURATION
Pin No.
Symbol
Pin No.
Symbol
Pin No.
Symbol
Pin No.
Symbol
1VREF
62
A4
123
VSS
184
VCCQ
2VSS
63
VCCQ
124
DQ4
185
A3
3
DQ0
64
A2
125
DQ5
186
A1
4
DQ1
65
VCC
126
VSS
187
VCC
5VSS
66
VSS
127
DM0
188
CK0
6DQS0#
67
VSS
128
NC
189
CK0#
7
DQS0
68
NC
129
VSS
190
VCC
8VSS
69
VCC
130
DQ6
191
A0
9
DQ2
70
A10/AP
131
DQ7
192
BA1
10
DQ3
71
BA0
132
VSS
193
VCC
11
VSS
72
VCC
133
DQ12
194
RAS#
12
DQ8
73
WE#
134
DQ13
195
VCCQ
13
DQ9
74
VCCQ
135
VSS
196
CS0#
14
VSS
75
CAS#
136
DM1
197
VCCQ
15
DQS1#
76
VCCQ
137
NC
198
ODT0
16
DQS1
77
CS1#
138
VSS
199
A13
17
VSS
78
ODT1
139
NC
200
VCC
18
NC
79
VCCQ
140
NC
201
NC
19
NC
80
NC
141
VSS
202
VSS
20
VSS
81
VSS
142
DQ14
203
DQ36
21
DQ10
82
DQ32
143
DQ15
204
DQ37
22
DQ11
83
DQ33
144
VSS
205
VSS
23
VSS
84
VSS
145
DQ20
206
DM4
24
DQ16
85
DQS4#
146
DQ21
207
NC
25
DQ17
86
DQS4
147
VSS
208
VSS
26
VSS
87
VSS
148
DM2
209
DQ38
27
DQS2#
88
DQ34
149
NC
210
DQ39
28
DQS2
89
DQ35
150
VSS
211
VSS
29
VSS
90
VSS
151
DQ22
212
DQ44
30
DQ18
91
DQ40
152
DQ23
213
DQ45
31
DQ19
92
DQ41
153
VSS
214
VSS
32
VSS
93
VSS
154
DQ28
215
DM5
33
DQ24
94
DQS5#
155
DQ29
216
NC
34
DQ25
95
DQS5
156
VSS
217
VSS
35
VSS
96
VSS
157
DM3
218
DQ46
36
DQS3#
97
DQ42
158
NC
219
DQ47
37
DQS3
98
DQ43
159
VSS
220
VSS
38
VSS
99
VSS
160
DQ30
221
DQ52
39
DQ26
100
DQ48
161
DQ31
222
DQ53
40
DQ27
101
DQ49
162
VSS
223
VSS
41
VSS
102
VSS
163
CB4
224
NC
42
CB0
103
SA2
164
CB5
225
NC
43
CB1
104
NC
165
VSS
226
VSS
44
VSS
105
VSS
166
DM8
227
DM6
45
DQS8#
106
DQS6#
167
NC
228
NC
46
DQS8
107
DQS6
168
VSS
229
VSS
47
VSS
108
VSS
169
CB6
230
DQ54
48
CB2
109
DQ50
170
CB7
231
DQ55
49
CB3
110
DQ51
171
VSS
232
VSS
50
VSS
111
VSS
172
NC
233
DQ60
51
NC
112
DQ56
173
VCCQ
234
DQ61
52
VCCQ
113
DQ57
174
CKE1
235
VSS
53
CKE0
114
VSS
175
VCC
236
DM7
54
VCC
115
DQS7#
176
NC
237
NC
55
NC
116
DQS7
177
NC
238
VSS
56
NC
117
VSS
178
VCCQ
239
DQ62
57
VCCQ
118
DQ58
179
A12
240
DQ63
58
A11
119
DQ59
180
A9
241
VSS
59
A7
120
VSS
181
VCC
242
SDA
60
VCC
121
SA0
182
A8
243
SCL
61
A5
122
SA1
183
A6
244
VCCSPD
RESET (pin 18) is connected to both OE of the PLL and Reset# of the register .


Similar Part No. - WV3HG264M72EEU806D7MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG264M72EEU806D6GG WEDC-WV3HG264M72EEU806D6GG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU806D6MG WEDC-WV3HG264M72EEU806D6MG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU806D6SG WEDC-WV3HG264M72EEU806D6SG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
More results

Similar Description - WV3HG264M72EEU806D7MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG264M72EER-D7 WEDC-WV3HG264M72EER-D7 Datasheet
235Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG264M72EER-PD4 WEDC-WV3HG264M72EER-PD4 Datasheet
213Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG264M72EEU-PD4 WEDC-WV3HG264M72EEU-PD4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UDIMM, SO-DIMM w/PLL
WV3HG264M72EEU-D6 WEDC-WV3HG264M72EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG128M72EEU-PD4 WEDC-WV3HG128M72EEU-PD4 Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
logo
White Electronic Design...
WV3HG128M72EER-D7 WEDC-WV3HG128M72EER-D7 Datasheet
185Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com