Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2762BR Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS2762BR
Description  High-Precision Li Battery Monitor With Alerts
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2762BR Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS2762BR Datasheet HTML 3Page - Maxim Integrated Products DS2762BR Datasheet HTML 4Page - Maxim Integrated Products DS2762BR Datasheet HTML 5Page - Maxim Integrated Products DS2762BR Datasheet HTML 6Page - Maxim Integrated Products DS2762BR Datasheet HTML 7Page - Maxim Integrated Products DS2762BR Datasheet HTML 8Page - Maxim Integrated Products DS2762BR Datasheet HTML 9Page - Maxim Integrated Products DS2762BR Datasheet HTML 10Page - Maxim Integrated Products DS2762BR Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DS2762 High-Precision Li+ Battery Monitor With Alerts
7 of 25
Figure 1. Block Diagram
DETAILED DESCRIPTION
The DS2762 high-precision Li+ battery monitor is a data-acquisition, information-storage, and safety-protection
device tailored for cost-sensitive battery pack applications. This low-power device integrates precise temperature,
voltage, and current measurement, nonvolatile (NV) data storage, and Li+ protection into the small footprint of
either a TSSOP package or flip-chip package. The DS2762 is a key component in applications including remaining
capacity estimation, safety monitoring, and battery-specific data storage.
Through its 1-Wire interface, the DS2762 gives the host system read/write access to status and control registers,
instrumentation registers, and general-purpose data storage. Each device has a unique factory-programmed 64-bit
net address that allows it to be individually addressed by the host system, supporting multibattery operation.
The DS2762 is capable of performing temperature, voltage, and current measurement to a resolution sufficient to
support process monitoring applications such as battery charge control, remaining capacity estimation, and safety
monitoring. Temperature is measured using an on-chip sensor, eliminating the need for a separate thermistor.
Bidirectional current measurement and accumulation are accomplished using either an internal 25m
W sense
resistor or an external device. The DS2762 also features a programmable I/O pin that allows the host system to
sense and control other electronics in the pack, including switches, vibration motors, speakers, and LEDs. This pin
may also be used to alert the host when preset accumulated current or temperature limits are exceeded.
Three types of memory are provided on the DS2762 for battery information storage: EEPROM, lockable EEPROM,
and SRAM. EEPROM memory saves important battery data in true NV memory that is unaffected by severe battery
depletion, accidental shorts, or ESD events. Lockable EEPROM becomes ROM when locked to provide additional
security for unchanging battery data. SRAM provides inexpensive storage for temporary data.
1-Wire
INTERFACE
AND
ADDRESS
THERMAL
SENSE
MUX
VOLTAGE
REFERENCE
ADC
REGISTERS AND
USER MEMORY
25m
W
DQ
CHIP GROUND
+
-
LOCKABLE EEPROM
SRAM
TEMPERATURE
VOLTAGE
CURRENT
ACCUM. CURRENT
STATUS/CONTROL
Li+ PROTECTION
VIN
IS1
IS2
SNS
IS2
IS1
VSS
CC
DC
PLS
PS
PIO
TIMEBASE
INTERNAL SENSE RESISTOR
CONFIGURATION ONLY
DS2762


Similar Part No. - DS2762BR

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS276 DALLAS-DS276 Datasheet
132Kb / 11P
   Low Power Transceiver Chip
DS2760 DALLAS-DS2760 Datasheet
126Kb / 25P
   High Precision Li-Ion Battery Monitor
logo
Maxim Integrated Produc...
DS2760 MAXIM-DS2760 Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
More results

Similar Description - DS2762BR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
DS2761 MAXIM-DS2761 Datasheet
316Kb / 24P
   High-Precision Li Battery Monitor
010906
logo
Dallas Semiconductor
DS2761 DALLAS-DS2761 Datasheet
286Kb / 24P
   High-Precision Li Battery Monitor
logo
Maxim Integrated Produc...
DS2760 MAXIM-DS2760 Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
logo
Dallas Semiconductor
DS2760 DALLAS-DS2760 Datasheet
126Kb / 25P
   High Precision Li-Ion Battery Monitor
logo
Maxim Integrated Produc...
DS2764 MAXIM-DS2764_V01 Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2764 MAXIM-DS2764 Datasheet
246Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
011005
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Texas Instruments
INA3221-Q1 TI1-INA3221-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Current and Voltage Monitor with Programmable Overcurrent Alerts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com