Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2762 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS2762
Description  High-Precision Li Battery Monitor With Alerts
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2762 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS2762 Datasheet HTML 1Page - Maxim Integrated Products DS2762 Datasheet HTML 2Page - Maxim Integrated Products DS2762 Datasheet HTML 3Page - Maxim Integrated Products DS2762 Datasheet HTML 4Page - Maxim Integrated Products DS2762 Datasheet HTML 5Page - Maxim Integrated Products DS2762 Datasheet HTML 6Page - Maxim Integrated Products DS2762 Datasheet HTML 7Page - Maxim Integrated Products DS2762 Datasheet HTML 8Page - Maxim Integrated Products DS2762 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
DS2762 High-Precision Li+ Battery Monitor With Alerts
3 of 25
ELECTRICAL CHARACTERISTICS: PROTECTION CIRCUITRY
(2.5V
£ VDD £ 5.5V, TA = 0°C to +50°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
4.325
4.350
4.375
Overvoltage Detect
VOV
(Notes 1, 2)
4.250
4.275
4.300
V
Charge Enable
VCE
(Note 1)
4.10
4.15
4.20
V
Undervoltage Detect
VUV
(Note 1)
2.5
2.6
2.7
V
Overcurrent Detect
IOC
(Note 3)
1.8
1.9
2.0
A
Overcurrent Detect
VOC
(Note 1, 4)
45
47.5
50
mV
Short-Circuit Detect
ISC
(Note 3)
5.0
8.0
11
A
Short-Circuit Detect
VSC
(Note 1)
150
200
250
mV
Overvoltage Delay
tOVD
0.8
1
1.2
s
Undervoltage Delay
tUVD
90
100
110
ms
Overcurrent Delay
tOCD
510
20
ms
Short-Circuit Delay
tSCD
160
200
240
ms
Test Threshold
VTP
0.5
1.0
1.5
V
Test Current
ITST
10
20
40
mA
Recovery Charge Current
IRC
(Note 5)
0.5
1
2
mA


Similar Part No. - DS2762

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS276 DALLAS-DS276 Datasheet
132Kb / 11P
   Low Power Transceiver Chip
DS2760 DALLAS-DS2760 Datasheet
126Kb / 25P
   High Precision Li-Ion Battery Monitor
logo
Maxim Integrated Produc...
DS2760 MAXIM-DS2760 Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
More results

Similar Description - DS2762

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
DS2761 MAXIM-DS2761 Datasheet
316Kb / 24P
   High-Precision Li Battery Monitor
010906
logo
Dallas Semiconductor
DS2761 DALLAS-DS2761 Datasheet
286Kb / 24P
   High-Precision Li Battery Monitor
logo
Maxim Integrated Produc...
DS2760 MAXIM-DS2760 Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
logo
Dallas Semiconductor
DS2760 DALLAS-DS2760 Datasheet
126Kb / 25P
   High Precision Li-Ion Battery Monitor
logo
Maxim Integrated Produc...
DS2764 MAXIM-DS2764_V01 Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2764 MAXIM-DS2764 Datasheet
246Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
011005
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Texas Instruments
INA3221-Q1 TI1-INA3221-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Current and Voltage Monitor with Programmable Overcurrent Alerts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com