Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3HG64M72EER806D6MG Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WV3HG64M72EER806D6MG
Description  512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG64M72EER806D6MG Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WV3HG64M72EER806D6MG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG64M72EER806D6MG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG64M72EER806D6MG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG64M72EER806D6MG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG64M72EER806D6MG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG64M72EER806D6MG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG64M72EER806D6MG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG64M72EER806D6MG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG64M72EER806D6MG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
WV3HG64M72EER-D6
ADVANCED
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
August 2006
Rev. 1
FUNCTIONAL BLOCK DIAGRAM
A0
Serial PD
A1 A2
SA0 SA1 SA2
SCL
SDA
VCCSPD
VCC/VCCQ
VREF
VSS
Serial PD
DDR2 SDRAMs
DDR2 SDRAMs
DDR2 SDRAMs
WP
1:2
R
E
G
I
S
T
E
R
RST#
CS0#
BA0 - BA1
A0 - A13
RAS#
CAS#
WE#
CKE0
ODT0
RESET#**
PCK7**
PCK7#**
P
L
L
OE
CK0
CK0#
RESET#
PCK0-PCK6, PCK8, PCK9
CK : DDR2 SDRAMs
PCK0#-PCK6#, PCK8#, PCK9#
CK# : DDR2 SDRAMs
PCK7
CK : Register
PCK7#
CK# : Register
RCS0# : DDR2 SDRAMs
RBA0 - RBA1 : DDR2 SDRAMs
RA0 - RA13 : DDR2 SDRAMs
RRAS# : DDR2 SDRAMs
RCAS# : DDR2 SDRAMs
RWE# : DDR2 SDRAMs
RCKE0 : DDR2 SDRAMs
RODT0 : DDR2 SDRAMs
RCS0#
DQS0
DQS0#
DM0/DQS9
NC/DQS9#
DM/
RDQS
NU/
RDQS#
CS# DQS DQS#
DQ1
DQ0
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQS1
DQS1#
NC/DQS10#
DM1/DQS10
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQS2
DQS2#
DM2/DQS11
NC/DSS11#
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DQS3
DQS3#
DM3/DQS12
NC/DSS12#
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DQS8
DQS8#
DM8/DQS17
NC/DSS17#
CB0
CB1
CB2
CB3
CB4
CB5
CB6
CB7
DQS4
DQS4#
DM4/DQS13
NC/DQS13#
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
DQS5
DQS5#
DM5/DQS14
NC/DQS14#
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
DQS6
DQS6#
DM6/DQS15
NC/DQS15#
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DQS7
DQS7#
DM7/DQS16
NC/DQS16#
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
DM/
RDQS
NU/
RDQS#
CS# DQS DQS#
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM/
RDQS
NU/
RDQS#
CS# DQS DQS#
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM/
RDQS
NU/
RDQS#
CS# DQS DQS#
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM/
RDQS
NU/
RDQS#
CS# DQS DQS#
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM/
RDQS
NU/
RDQS#
CS# DQS DQS#
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM/
RDQS
NU/
RDQS#
CS# DQS DQS#
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM/
RDQS
NU/
RDQS#
CS# DQS DQS#
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM/
RDQS
NU/
RDQS#
CS# DQS DQS#
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
NOTE: All resistor values are 22 ohms unless otherwise specified.
**RESET#, PCK7 and RCK7# connects both registers. Other signals connect to one of two registers.


Similar Part No. - WV3HG64M72EER806D6MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG64M72EER806D7MG WEDC-WV3HG64M72EER806D7MG Datasheet
181Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG64M72EER806D7SG WEDC-WV3HG64M72EER806D7SG Datasheet
181Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
More results

Similar Description - WV3HG64M72EER806D6MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG64M72EER-D7 WEDC-WV3HG64M72EER-D7 Datasheet
181Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG64M72AER-AD6 WEDC-WV3HG64M72AER-AD6 Datasheet
161Kb / 10P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL
W3HG64M72EER-AD7 WEDC-W3HG64M72EER-AD7 Datasheet
195Kb / 14P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG64M72EEU-PD4 WEDC-WV3HG64M72EEU-PD4 Datasheet
150Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM, UNBUFFERED SO-DIMM, w/PLL
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7263S-D3 WEDC-W3EG7263S-D3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
logo
Elpida Memory
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
EBE51RD8AJFA ELPIDA-EBE51RD8AJFA Datasheet
259Kb / 30P
   512MB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com