Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3HG64M72AER534AD6MG Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WV3HG64M72AER534AD6MG
Description  512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG64M72AER534AD6MG Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WV3HG64M72AER534AD6MG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG64M72AER534AD6MG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG64M72AER534AD6MG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG64M72AER534AD6MG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG64M72AER534AD6MG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG64M72AER534AD6MG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG64M72AER534AD6MG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG64M72AER534AD6MG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG64M72AER534AD6MG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
WV3HG64M72AER-AD6
March 2005
Rev. 1
ADVANCED
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
PIN CONFIGURATION
Pin No.
Symbol
Pin No.
Symbol
Pin No.
Symbol
Pin No.
Symbol
1VREF
61
A4
121
VSS
181
VCCQ
2VSS
62
VCCQ
122
DQ4
182
A3
3
DQ0
63
A2
123
DQ5
183
A1
4
DQ1
64
VCC
124
VSS
184
VCC
5VSS
65
VSS
125
DM0/DQS9
185
CK0
6
DQS0#
66
VSS
126
NC/DQS9#
186
CK0#
7DQS0
67
VCC
127
VSS
187
VCC
8VSS
68
NC/Par_In*
128
DQ6
188
A0
9
DQ2
69
VCC
129
DQ7
189
VCC
10
DQ3
70
A10/AP
130
VSS
190
BA1
11
VSS
71
BA0
131
DQ12
191
VCCQ
12
DQ8
72
VCCQ
132
DQ13
192
RAS#
13
DQ9
73
WE#
133
VSS
193
S0#
14
VSS
74
CAS#
134
DM1/DQS10
194
VCCQ
15
DQS1#
75
VCCQ
135
NC/DQS10#
195
ODT0
16
DQS1
76
NC
136
VSS
196
NC
17
VSS
77
NC
137
NC
197
VCC
18
RESET#
78
VCCQ
138
NC
198
VSS
19
NC
79
VSS
139
VSS
199
DQ36
20
VSS
80
DQ32
140
DQ14
200
DQ37
21
DQ10
81
DQ33
141
DQ15
201
VSS
22
DQ11
82
VSS
142
VSS
202
DM4/DQS13
23
VSS
83
DQS4#
143
DQ20
203
NC/DQS13#
24
DQ16
84
DQS4
144
DQ21
204
VSS
25
DQ17
85
VSS
145
VSS
205
DQ38
26
VSS
86
DQ34
146
DM2/DQS11
206
DQ39
27
DQS2#
87
DQ35
147
NC/DQS11#
207
VSS
28
DQS2
88
VSS
148
VSS
208
DQ44
29
VSS
89
DQ40
149
DQ22
209
DQ45
30
DQ18
90
DQ41
150
DQ23
210
VSS
31
DQ19
91
VSS
151
VSS
211
DM5/DQS14
32
VSS
92
DQS5#
152
DQ28
212
NC/DQS14#
33
DQ24
93
DQS5
153
DQ29
213
VSS
34
DQ25
94
VSS
154
VSS
214
DQ46
35
VSS
95
DQ42
155
DM3/DQS12
215
DQ47
36
DQS3#
96
DQ43
156
NC/DQS12#
216
VSS
37
DQS3
97
VSS
157
VSS
217
DQ52
38
VSS
98
DQ48
158
DQ30
218
DQ53
39
DQ26
99
DQ49
159
DQ31
219
VSS
40
DQ27
100
VSS
160
VSS
220
NC
41
VSS
101
SA2
161
CB4
221
NC
42
CB0
102
NC(TEST)*
162
CB5
222
VSS
43
CB1
103
VSS
163
VSS
223
DM6/DQS15
44
VSS
104
DQS6#
164
DM8/DQS17
224
NC/DQS15#
45
DQS8#
105
DQS6
165
NC/DQS17#
225
VSS
46
DQS8
106
VSS
166
VSS
226
DQ54
47
VSS
107
DQ50
167
CB6
227
DQ55
48
CB2
108
DQ51
168
CB7
228
VSS
49
CB3
109
VSS
169
VSS
229
DQ60
50
VSS
110
DQ56
170
VCCQ
230
DQ61
51
VCCQ
111
DQ57
171
NC
231
VSS
52
CKE0
112
VSS
172
VCC
232
DM7/DQS16
53
VCC
113
DQS7#
173
NC
233
NC/DQS16#
54
NC
114
DQS7
174
NC
234
VSS
55
Err_Out*
115
VSS
175
VCCQ
235
DQ62
56
VCCQ
116
DQ58
176
A12
236
DQ63
57
A11
117
DQ59
177
A9
237
VSS
58
A7
118
VSS
178
VCC
238
VCCSPD
59
VCC
119
SDA
179
A8
239
SA0
60
A5
120
SCL
180
A6
240
SA1
PIN NAMES
Pin Name
Function
CK0,CK0#
Clock Inputs, positive line
CKE0
Clock Enables
CB0-CB7
Check Bits
RAS#
Row Address Strobe
CAS#
Column Address Strobe
WE#
Write Enable
S0#
Chip Selects
A0-A12
Address Inputs
BA0,BA1
SDRAM Bank Address
ODT0
On-die termination control
SCL
Serial Presence Detect(SPD) Clock Input
SDA
SPD Data Input/Output
SA0-SA2
SPD address
DQ0-DQ63
Data Input/Output
DQS0-DQS17
Data strobes
DQS0#-DQS17#
Data strobes complement
TEST*
Memory Bus Test
VCC
Core and I/O Power (1.8V)
VCCQ
I/O Power (1.8V)
VSS
Ground
VREF
Input/Output Reference
VCCSPD
SPD Power
NC
Spare pins, No connect
RESET#
Register Reset Input
Par_In*
Parity bit for control bus
Err_Out*
Parity error found in control
* These pins are not used in this module


Similar Part No. - WV3HG64M72AER534AD6MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG64M72EER-D6 WEDC-WV3HG64M72EER-D6 Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
WV3HG64M72EER-D7 WEDC-WV3HG64M72EER-D7 Datasheet
181Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG64M72EER403D6IMG WEDC-WV3HG64M72EER403D6IMG Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
WV3HG64M72EER403D6ISG WEDC-WV3HG64M72EER403D6ISG Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
More results

Similar Description - WV3HG64M72AER534AD6MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG64M72EER-D6 WEDC-WV3HG64M72EER-D6 Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG64M72EER-D7 WEDC-WV3HG64M72EER-D7 Datasheet
181Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
W3HG64M72EER-AD7 WEDC-W3HG64M72EER-AD7 Datasheet
195Kb / 14P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7263S-D3 WEDC-W3EG7263S-D3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
WV3HG64M72EEU-PD4 WEDC-WV3HG64M72EEU-PD4 Datasheet
150Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM, UNBUFFERED SO-DIMM, w/PLL
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
W3DG7263V-D2 WEDC-W3DG7263V-D2 Datasheet
150Kb / 9P
   512MB - 64Mx72 SDRAM, REGISTER and SPD, w/PLL
W3DG7266V-D2 WEDC-W3DG7266V-D2 Datasheet
150Kb / 9P
   512MB - 64Mx72 SDRAM, REGISTER and SPD, w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com