Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3HG64M32EEU534D4IMG Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # WV3HG64M32EEU534D4IMG
Description  256MB - 64Mx32 DDR2 SDRAM UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG64M32EEU534D4IMG Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button WV3HG64M32EEU534D4IMG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG64M32EEU534D4IMG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG64M32EEU534D4IMG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG64M32EEU534D4IMG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG64M32EEU534D4IMG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG64M32EEU534D4IMG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG64M32EEU534D4IMG Datasheet HTML 9Page - White Electronic Designs Corporation WV3HG64M32EEU534D4IMG Datasheet HTML 10Page - White Electronic Designs Corporation WV3HG64M32EEU534D4IMG Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
WV3HG64M32EEU-D4
May 2006
Rev. 2
ADVANCED
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
3.80 (0.150)
MAX
1.10 (0.043)
0.90 (0.035)
PIN 1
67.75 (2.667)
67.45 (2.656)
20.00 (0.787)
TYP
1.80 (0.071)
(2X)
0.60 (0.024)
TYP
0.45 (0.018)
TYP
PIN 199
PIN 200
PIN 2
2.15 (0.085)
6.00 (0.236)
63.60 (2.504)
2.55 (0.100)
1.00 (0.039)
TYP
TYP
BACK VIEW
FRONT VIEW
30.15 (1.187)
29.85 (1.175)
47.40 (1.866)
TYP
11.40 (0.449)
TYP
4.2 (0.165)
TYP
4.10(0.161) (2X)
3.90(0.154)
PACKAGE DIMENSIONS FOR D4
** ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
ORDERING INFORMATION FOR D4
Part Number
Clock/Data Rate
Frequency
CAS Latency
tRCD
tRP
Height**
WV3HG64M32EEU665D4xxG*
333MHz/667Mb/s
5
5
5
30.00mm (1.181") TYP
WV3HG64M32EEU534D4xxG
266MHz/533Mb/s
4
4
4
30.00mm (1.181") TYP
WV3HG64M32EEU403D4xxG
200MHz/400Mb/s
3
3
3
30.00mm (1.181") TYP
* Consult Factory for availability
NOTES:
• RoHS product. ("G" = RoHS Compliant)
• Vendor specific part numbers are used to provide memory components source control. The place holder for this is shown as lower case “x” in the part numbers above and is to be
replaced with the respective vendors code. Consult factory for qualified sourcing options. (M = Micron, S = Samsung & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option


Similar Part No. - WV3HG64M32EEU534D4IMG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG64M64EEU-D4 WEDC-WV3HG64M64EEU-D4 Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
WV3HG64M64EEU-D6 WEDC-WV3HG64M64EEU-D6 Datasheet
185Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED
WV3HG64M64EEU403D4IMG WEDC-WV3HG64M64EEU403D4IMG Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
WV3HG64M64EEU403D4ISG WEDC-WV3HG64M64EEU403D4ISG Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
WV3HG64M64EEU403D4MG WEDC-WV3HG64M64EEU403D4MG Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
More results

Similar Description - WV3HG64M32EEU534D4IMG

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE25UD6ABFA ELPIDA-EBE25UD6ABFA Datasheet
224Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBE25UC8AAFA ELPIDA-EBE25UC8AAFA Datasheet
238Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBE25EC8AAFA ELPIDA-EBE25EC8AAFA Datasheet
201Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBE25UC8AAFV ELPIDA-EBE25UC8AAFV Datasheet
238Kb / 22P
   256MB Unbuffered DDR2 SDRAM HYPER DIMM?
logo
Hynix Semiconductor
HY5PS561621BLFPE3 HYNIX-HY5PS561621BLFPE3 Datasheet
827Kb / 34P
   256Mb DDR2 SDRAM
HY5PS561621BLFPE3I HYNIX-HY5PS561621BLFPE3I Datasheet
826Kb / 34P
   256Mb DDR2 SDRAM
H5PS2562GFR HYNIX-H5PS2562GFR Datasheet
1Mb / 61P
   256Mb DDR2 SDRAM
HY5PS561621AFP-E3 HYNIX-HY5PS561621AFP-E3 Datasheet
2Mb / 34P
   256Mb DDR2 SDRAM
HY5PS56421LF-E3 HYNIX-HY5PS56421LF-E3 Datasheet
614Kb / 35P
   256Mb DDR2 SDRAM
logo
White Electronic Design...
W3DG7232V-D1 WEDC-W3DG7232V-D1 Datasheet
225Kb / 7P
   256MB - 32Mx72 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com