Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3EG6434S-BD4 Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WV3EG6434S-BD4
Description  256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3EG6434S-BD4 Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WV3EG6434S-BD4 Datasheet HTML 1Page - White Electronic Designs Corporation WV3EG6434S-BD4 Datasheet HTML 2Page - White Electronic Designs Corporation WV3EG6434S-BD4 Datasheet HTML 3Page - White Electronic Designs Corporation WV3EG6434S-BD4 Datasheet HTML 4Page - White Electronic Designs Corporation WV3EG6434S-BD4 Datasheet HTML 5Page - White Electronic Designs Corporation WV3EG6434S-BD4 Datasheet HTML 6Page - White Electronic Designs Corporation WV3EG6434S-BD4 Datasheet HTML 7Page - White Electronic Designs Corporation WV3EG6434S-BD4 Datasheet HTML 8Page - White Electronic Designs Corporation WV3EG6434S-BD4 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WV3EG6434S-BD4
April 2005
Rev. 0
ADVANCED
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
FUNCTIONAL BLOCK DIAGRAM
CKE0
I/0 0
I/0 1
I/0 2
I/0 3
I/0 4
I/0 5
I/0 6
I/0 7
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQS
S0#
A0 - A12
A0-A12: DDR SDRAMs
BA0 - BA1
BA0-BA1: DDR SDRAMs
RAS#
RAS#: SDRAMs
CAS#
CAS#: SDRAMs
WE#
WE#: SDRAMs
A0
Serial PD
A1
A2
SA0
SA1
SA2
SCL
SDA
WP
DM
DQS0
DM0
I/0 0
I/0 1
I/0 2
I/0 3
I/0 4
I/0 5
I/0 6
I/0 7
DQS
S0#
DM
DQS4
DM4
I/0 0
I/0 1
I/0 2
I/0 3
I/0 4
I/0 5
I/0 6
I/0 7
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQS
S1#
DM
DQS1
DM1
I/0 0
I/0 1
I/0 2
I/0 3
I/0 4
I/0 5
I/0 6
I/0 7
DQS
S1#
DM
DQS5
DM5
I/0 0
I/0 1
I/0 2
I/0 3
I/0 4
I/0 5
I/0 6
I/0 7
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DQS
S0#
DM
DQS2
DM2
I/0 0
I/0 1
I/0 2
I/0 3
I/0 4
I/0 5
I/0 6
I/0 7
DQS
S0#
DM
DQS6
DM6
I/0 0
I/0 1
I/0 2
I/0 3
I/0 4
I/0 5
I/0 6
I/0 7
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DQS
S1#
DM
DQS3
DM3
I/0 0
I/0 1
I/0 2
I/0 3
I/0 4
I/0 5
I/0 6
I/0 7
DQS
S1#
DM
DQS7
DM7
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
S0#
PLL
CK0
DDR SDRAM
CK0#
DDR SDRAM
DDR SDRAM
DDR SDRAM
VSS
DDR SDRAM
DDR SDRAM
DDR SDRAM
VREF
VCCSPD
VCC/VCCQ
SPD
NOTE: All resistor values are 22 ohms unless otherwise specified.


Similar Part No. - WV3EG6434S-BD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG6437S-D4 WEDC-WV3EG6437S-D4 Datasheet
304Kb / 11P
   256MB - 2x16Mx64 DDR SDRAM SO-DIMM, UNBUFFERED
WV3EG6437S335D4IMG WEDC-WV3EG6437S335D4IMG Datasheet
304Kb / 11P
   256MB - 2x16Mx64 DDR SDRAM SO-DIMM, UNBUFFERED
WV3EG6437S335D4ING WEDC-WV3EG6437S335D4ING Datasheet
304Kb / 11P
   256MB - 2x16Mx64 DDR SDRAM SO-DIMM, UNBUFFERED
WV3EG6437S335D4ISG WEDC-WV3EG6437S335D4ISG Datasheet
304Kb / 11P
   256MB - 2x16Mx64 DDR SDRAM SO-DIMM, UNBUFFERED
WV3EG6437S335D4MG WEDC-WV3EG6437S335D4MG Datasheet
304Kb / 11P
   256MB - 2x16Mx64 DDR SDRAM SO-DIMM, UNBUFFERED
More results

Similar Description - WV3EG6434S-BD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6433S-AD4 WEDC-W3EG6433S-AD4 Datasheet
321Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3EG6432S-D3 WEDC-W3EG6432S-D3 Datasheet
342Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WV3EG32M64ETSU-D3 WEDC-WV3EG32M64ETSU-D3 Datasheet
279Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
W3EG6432S-D4 WEDC-W3EG6432S-D4 Datasheet
167Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
W3EG7232S-AD4 WEDC-W3EG7232S-AD4 Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
WED3DG6432V-D1 WEDC-WED3DG6432V-D1 Datasheet
80Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6432V-D2 WEDC-W3DG6432V-D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6435V-D2 WEDC-W3DG6435V-D2 Datasheet
109Kb / 6P
   256MB - 32Mx64 SDRAM UNBUFFERED
W3DG6433V-D1 WEDC-W3DG6433V-D1 Datasheet
192Kb / 7P
   256MB - 32Mx64 SDRAM, UNBUFFERED
W3DG6433V-JD1 WEDC-W3DG6433V-JD1 Datasheet
220Kb / 8P
   256MB - 32Mx64 SDRAM, UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com