Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3EG64M64ETSU-D3 Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WV3EG64M64ETSU-D3
Description  512MB - 64Mx64 DDR SDRAM UNBUFFERED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3EG64M64ETSU-D3 Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WV3EG64M64ETSU-D3 Datasheet HTML 1Page - White Electronic Designs Corporation WV3EG64M64ETSU-D3 Datasheet HTML 2Page - White Electronic Designs Corporation WV3EG64M64ETSU-D3 Datasheet HTML 3Page - White Electronic Designs Corporation WV3EG64M64ETSU-D3 Datasheet HTML 4Page - White Electronic Designs Corporation WV3EG64M64ETSU-D3 Datasheet HTML 5Page - White Electronic Designs Corporation WV3EG64M64ETSU-D3 Datasheet HTML 6Page - White Electronic Designs Corporation WV3EG64M64ETSU-D3 Datasheet HTML 7Page - White Electronic Designs Corporation WV3EG64M64ETSU-D3 Datasheet HTML 8Page - White Electronic Designs Corporation WV3EG64M64ETSU-D3 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
White Electronic Designs
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
August 2005
Rev. 1
PRELIMINARY
WV3EG64M64ETSU-D3
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Units
Voltage on any pin relative to VSS
VIN, VOUT
-0.5 to 3.6
V
Voltage on VCC supply relative to VSS
VCC
-1.0 to 3.6
V
Voltage on VCCQ supply relative to VSS
VCCQ
-1.0 to 3.6
V
Storage Temperature
TSTG
-55 to +150
°C
Operating Temperature
TA
0 to +70
°C
Power Dissipation
PD
8W
Short Circuit Current
IOS
50
mA
Note: Permanent device damage may occur if ‘ABSOLUTE MAXIMUM RATINGS’ are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability
DC CHARACTERISTICS
0°C
≤ TA ≤ 70°C, VCC = VCCQ = 2.5V ± 0.2V
Parameter
Symbol
Min
Max
Unit
Note
Supply voltage DDR266/DDR333 (nominal VCC of 2.5V)
VCC
2.3
2.7
I/O Supply voltage DDR266/DDR333 (nominal VCC of 2.5V)
VCCQ
2.3
2.7
V
I/O Reference voltage
VREF
0.49*VCCQ
0.51*VCCQ
V1
I/O Termination voltage
VTT
VREF-0.04
VREF+0.04
V
2
Input logic high voltage
VIH(DC)
VREF+0.15
VCCQ+0.30
V
Input logic low voltage
VIL(DC)
-0.3
VREF-0.15
V
Input voltage level, CK and CK#
VIN(DC)
-0.3
VCCQ+0.30
V
Input differential voltage, CK and CK#
VID(DC)
0.36
VCCQ+0.60
V
3
Input crossing point voltage, CK and CK#
VIX(DC)
0.3
VCCQ+0.60
V
Input leakage current
Addr, CAS#,
RAS#, WE#
II
-16
16
uA
CS#, CKE
-16
16
uA
CK, CK#
-6
6
uA
DM
-2
2
uA
Output leakage current
IOZ
-5
5
uA
Output high current (normal strengh); VOUT = V +0.84V
IOH
-16.8
mA
Output high current (normal strengh); VOUT = VTT -0.84V
IOL
16.8
mA
Output high current (half strengh); VOUT = VTT +0.45V
IOH
-9
mA
Output high current (half strengh); VOUT = VTT -0.45V
IOL
9—
mA
NOTES:
1. VREF is expected to be equal to 0.5*VCCQ of the transmitting device, and to track variations in the DC level of the same. Peak to peak noise on VREF may not exceed ±2% of the DC
value
2. VTT is not applied directly to the device. VTT is a system supply for signal termination resistors, is expected to be set equal to VREF, and must track variations in the DC level of VREF
3. VID is the magnitude of the difference between the input level on CK and the input level on CK#.
CAPACITANCE
TA = 25°C, f = 1MHz, VCC = VCCQ = 2.5V
Parameter
Symbol
Min
Max
Unit
Input Capacitance (A0-A12, BA0-BA1, RAS#, CAS#, WE#)
CIN1
20
28
pF
Input Capacitance (CKE0)
CIN2
20
28
pF
Input Capacitance (CS0#)
CIN3
20
28
pF
Input Capacitance (CK0 to CK2, CK0# to CK2#)
CIN4
10
13
pF
Input Capacitance (DM0-DM7)
CIN5
89
pF
Data and DQS input/output capacitance (DQ0-DQ63)
COUT1
89
pF


Similar Part No. - WV3EG64M64ETSU-D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG64M64ETSU-D4 WEDC-WV3EG64M64ETSU-D4 Datasheet
177Kb / 12P
   512MB - 64Mx64 DDR SDRAM, UNBUFFERED, SO-DIMM
More results

Similar Description - WV3EG64M64ETSU-D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6465S-D3 WEDC-W3EG6465S-D3 Datasheet
180Kb / 11P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6465S-D4 WEDC-W3EG6465S-D4 Datasheet
88Kb / 8P
   512MB- 64Mx64 DDR SDRAM UNBUFFERED
W3EG6464S-JD3 WEDC-W3EG6464S-JD3 Datasheet
293Kb / 12P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
WV3EG64M64ETSU-D4 WEDC-WV3EG64M64ETSU-D4 Datasheet
177Kb / 12P
   512MB - 64Mx64 DDR SDRAM, UNBUFFERED, SO-DIMM
W3EG6464S-AD4 WEDC-W3EG6464S-AD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
   512MB - 64Mx64, SDRAM UNBUFFERED
W3DG6465V-D1 WEDC-W3DG6465V-D1 Datasheet
80Kb / 5P
   512MB- 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-AD1 WEDC-WED3DG6466V-AD1 Datasheet
137Kb / 7P
   512MB - 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-D2 WEDC-WED3DG6466V-D2 Datasheet
147Kb / 9P
   512MB -64Mx64, SDRAM UNBUFFERED
WED3DG6466V-D1 WEDC-WED3DG6466V-D1 Datasheet
144Kb / 7P
   512MB -64Mx64 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com