Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRD54L10AIP Datasheet(PDF) 9 Page - Exar Corporation

Part # XRD54L10AIP
Description  3V Low Power Voltage Output Serial 8/10/12-Bit DAC Family
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD54L10AIP Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRD54L10AIP Datasheet HTML 5Page - Exar Corporation XRD54L10AIP Datasheet HTML 6Page - Exar Corporation XRD54L10AIP Datasheet HTML 7Page - Exar Corporation XRD54L10AIP Datasheet HTML 8Page - Exar Corporation XRD54L10AIP Datasheet HTML 9Page - Exar Corporation XRD54L10AIP Datasheet HTML 10Page - Exar Corporation XRD54L10AIP Datasheet HTML 11Page - Exar Corporation XRD54L10AIP Datasheet HTML 12Page - Exar Corporation XRD54L10AIP Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
XRD54L08/L10/L12
9
Rev. 1.30
Figure 6. Shift Register Format
DOUT
SDIN
X
X
X
X
DAC
MSB
n
The DACs are programmed by a 16 bit word of serial data.
The format of the serial input register is shown in Figure 6.
The leading 4 bits are not used to update the DAC. If the
DAC is not daisy-chained then only a 12 bit serial word is
needed to program the DAC. The next 8, 10 or 12 bits
after the 4 leading bits are data bits. The XRD54L08’s first
8 bits are valid data and the trailing 4 bits must be set to 0.
Figure 7 demonstrates the 16 bit digital word for the 8,
10,12 bit DACs.
Part
Leading
Unused
Bits
Data Bits
MSB
LSB
Trailing
“0”
Bits
XRD54L12
XXXX
XXXXXXXX
None
XRD54L10
XXXX
XXXXXXXX
00
XRD54L08
XXXX
XXXXXXXX
0000
Table 2. 16-Bit Digital Word Register for XRD54L08,
XRD54L10, XRD54L12.
SCLK should be held low when CS transitions low. Data is
clocked in on the rising edge of SCLK when CS is low.
SDIN data is held in a 16 bit serial shift register. The DAC
is updated with the data bits on the rising edge of CS.
When CS is high data is not shifted into the
XRD54L08/L10/L12.
Daisy-Chaining
The digital output port (DOUT) has a 4mA drive for greater
fan-out capability when daisy-chaining. DOUT allows
cascading of multiple DACs with the same serial data
stream. The data at SDIN appears at DOUT after 16 clock
cycles plus one clock width (tCH) and a propagation delay
(tDO). DOUT remains in the state of the last data bit when
CS is high. DOUT changes on the falling edge of SCLK
when CS is low.
Any number of DACs can be connected in this way by
connecting DOUT of one DAC to SDIN of the next DAC.
ACFT Feedthrough (DAC Code = 0)
AC Feedthrough from VREFIN to VOUT is minimized with
low impedance grounding as shown in
Figure 7. If the
DAC data is set to all “0”s then VOUT is a function of the
divider between the DAC string impedance and ground
impedance. See the Power Supply and Grounding
section for recommendations.
The typical AC
feedthrough for a 1kHz 2Vpp signal with code = 0 is
-80dB.
Figure 7. ACFT Feedthrough Equivalent
Circuit, DAC Code =0
VREFIN
XRD54L08/L10/L12
VOUT
GND
RGND
Analog GND
RIN
--
+
Compatible with MAX515 & MAX539
The XRD54L08/L10/L12 family of DACs are functionally
campatible with the MAX515 & MAX539 while providing
significant improvements.
The XRD54L08/L10/L12
DACs have lower power, faster serial ports, and a
constant reference impedance to minimize the reference
driving requirements and maximize system linearity while


Similar Part No. - XRD54L10AIP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD5408 EXAR-XRD5408 Datasheet
984Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408AID EXAR-XRD5408AID Datasheet
984Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408AID EXAR-XRD5408AID Datasheet
930Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408AIP EXAR-XRD5408AIP Datasheet
984Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408AIP EXAR-XRD5408AIP Datasheet
930Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
More results

Similar Description - XRD54L10AIP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD5408 EXAR-XRD5408 Datasheet
984Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
MP5010JT EXAR-MP5010JT Datasheet
930Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
logo
IC MICROSYSTEMS
ICM7561 ICMIC-ICM7561 Datasheet
179Kb / 9P
   12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
MAX5251 MAXIM-MAX5251 Datasheet
146Kb / 16P
   3V, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5812 MAXIM-MAX5812 Datasheet
268Kb / 13P
   12-Bit Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com