Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRD54L10AIP Datasheet(PDF) 10 Page - Exar Corporation

Part # XRD54L10AIP
Description  3V Low Power Voltage Output Serial 8/10/12-Bit DAC Family
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD54L10AIP Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRD54L10AIP Datasheet HTML 6Page - Exar Corporation XRD54L10AIP Datasheet HTML 7Page - Exar Corporation XRD54L10AIP Datasheet HTML 8Page - Exar Corporation XRD54L10AIP Datasheet HTML 9Page - Exar Corporation XRD54L10AIP Datasheet HTML 10Page - Exar Corporation XRD54L10AIP Datasheet HTML 11Page - Exar Corporation XRD54L10AIP Datasheet HTML 12Page - Exar Corporation XRD54L10AIP Datasheet HTML 13Page - Exar Corporation XRD54L10AIP Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
XRD54L08/L10/L12
10
Rev. 1.30
operating from a 3V supply versus 5V for the MA515 and
MAX539. The DOUT port also has 4mA driving capability
for greater fan-out when daisy-chaning to other digital
inputs.
Monotonicity
The XRD54L08/L10/L12 family of DACs are monotonic
over the entire temperature range.
Micro-Power Operation
The XRD54L08/L10/L12 are the lowest power DACs in
their class. The quiescent current rating does not include
the reference ladder current. Power can be saved when
the part is not in use by setting the DAC code to all “0”s
assuming the output load is referenced to ground. This
minimizes the DAC output load current. An analog switch
placed in series with the reference ladder can toggle the
reference voltage off when the circuit is inactive to
minimize power consumption.
Power Supply and Grounding
Best parametric results are obtained by powering the
XRD54L08/L10/L12 family of DACs from an analog +3V
power supply and analog ground. Digital power supplies
and grounds should be separated or connected to the
analog supplies and grounds only at the low-impedance
power-supply source. This is best accomplished on a
multilayer PCB with dedicated planes to ground and
power. The DACs should be locally bypassed with both
0.1 F and 2.2 F capacitors mounted as close as possible
to the power supply pin (VDD). Surface mount ceramic
capacitors are recommended for low impedance, wide
band power supply bypass. If only one +3V power supply
is available for both analog and digital circuity isolate the
analog power supply to the XRD54L08/L10/L12 DAC with
an inductor or ferrite bead before the local bypass
capacitors.
PERFORMANCE CHARACTERISTICS
Figure 8. XRD54L08 INL (For XRD54L10 and XRD54L12, Scale Axes Accordingly)
Figure 9. XRD54L08 DNL (For XRD54L10 and XRD54L12, Scale Axes Accordingly)
--0.20
--0.12
--0.04
0.04
CODE
64
128
0
192
255
--0.06
--0.02
0.02
0.06
0.10
CODE
128
64
192
255
0
0


Similar Part No. - XRD54L10AIP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD5408 EXAR-XRD5408 Datasheet
984Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408AID EXAR-XRD5408AID Datasheet
984Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408AID EXAR-XRD5408AID Datasheet
930Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408AIP EXAR-XRD5408AIP Datasheet
984Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408AIP EXAR-XRD5408AIP Datasheet
930Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
More results

Similar Description - XRD54L10AIP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD5408 EXAR-XRD5408 Datasheet
984Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
MP5010JT EXAR-MP5010JT Datasheet
930Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
logo
IC MICROSYSTEMS
ICM7561 ICMIC-ICM7561 Datasheet
179Kb / 9P
   12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
MAX5251 MAXIM-MAX5251 Datasheet
146Kb / 16P
   3V, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5812 MAXIM-MAX5812 Datasheet
268Kb / 13P
   12-Bit Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com