Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRD54L08AIP Datasheet(PDF) 8 Page - Exar Corporation

Part # XRD54L08AIP
Description  3V Low Power Voltage Output Serial 8/10/12-Bit DAC Family
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD54L08AIP Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRD54L08AIP Datasheet HTML 4Page - Exar Corporation XRD54L08AIP Datasheet HTML 5Page - Exar Corporation XRD54L08AIP Datasheet HTML 6Page - Exar Corporation XRD54L08AIP Datasheet HTML 7Page - Exar Corporation XRD54L08AIP Datasheet HTML 8Page - Exar Corporation XRD54L08AIP Datasheet HTML 9Page - Exar Corporation XRD54L08AIP Datasheet HTML 10Page - Exar Corporation XRD54L08AIP Datasheet HTML 11Page - Exar Corporation XRD54L08AIP Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
XRD54L08/L10/L12
8
Rev. 1.30
Microwiret
Port
SK
SO
I/O
SCLK
SDIN
CS
VOUT
GND
VDD
VREFIN
XRD54L12
1.25V
MP5010
+5V
0-2.5V
+3V
0.1mF
Figure 4. Typical Microwiret Application Circuit
SPI t
Port
SK
MOSI
I/O
SCLK
SDIN
CS
VOUT
GND
VDD
VREFIN
XRD54L10
1.25V
MP5010
+5V
0-2.5V
+3V
0.1mF
Figure 5. Typical SPIt Application Circuit


Similar Part No. - XRD54L08AIP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD5408 EXAR-XRD5408 Datasheet
984Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408AID EXAR-XRD5408AID Datasheet
984Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408AID EXAR-XRD5408AID Datasheet
930Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408AIP EXAR-XRD5408AIP Datasheet
984Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408AIP EXAR-XRD5408AIP Datasheet
930Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
More results

Similar Description - XRD54L08AIP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD5408 EXAR-XRD5408 Datasheet
984Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
MP5010JT EXAR-MP5010JT Datasheet
930Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
logo
IC MICROSYSTEMS
ICM7561 ICMIC-ICM7561 Datasheet
179Kb / 9P
   12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
MAX5251 MAXIM-MAX5251 Datasheet
146Kb / 16P
   3V, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5812 MAXIM-MAX5812 Datasheet
268Kb / 13P
   12-Bit Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com