Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC125D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC125D
Description  Quad buffer/line driver; 3-state
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC125D Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC125D Datasheet HTML 1Page - NXP Semiconductors 74HC125D Datasheet HTML 2Page - NXP Semiconductors 74HC125D Datasheet HTML 3Page - NXP Semiconductors 74HC125D Datasheet HTML 4Page - NXP Semiconductors 74HC125D Datasheet HTML 5Page - NXP Semiconductors 74HC125D Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
December 1990
2
Philips Semiconductors
Product specification
Quad buffer/line driver; 3-state
74HC/HCT125
FEATURES
• Output capability: bus driver
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT125 are high-speed Si-gate CMOS devices and are pin compatible with low power Schottky TTL (LSTTL).
They are specified in compliance with JEDEC standard no. 7A.
The 74HC/HCT125 are four non-inverting buffer/line drivers with 3-state outputs. The 3-state outputs (nY) are controlled
by the output enable input (nOE). A HIGH at nOE causes the outputs to assume a HIGH impedance OFF-state.
The “125” is identical to the “126” but has active LOW enable inputs.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25 °C; tr = tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD = CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in V
∑ (CL × VCC2 × fo) = sum of outputs
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay nA to nY
CL = 15 pF; VCC =5V
9
12
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per buffer
notes 1 and 2
22
24
pF


Similar Part No. - 74HC125D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC125D NXP-74HC125D Datasheet
41Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
74HC125D NXP-74HC125D Datasheet
192Kb / 17P
   Quad buffer/line driver; 3-state
Rev. 4-10 January 2013
logo
Toshiba Semiconductor
74HC125D TOSHIBA-74HC125D Datasheet
197Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.4.0
logo
Nexperia B.V. All right...
74HC125D NEXPERIA-74HC125D Datasheet
239Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 7 - 4 February 2021
logo
List of Unclassifed Man...
74HC125D,653 ETC2-74HC125D,653 Datasheet
46Kb / 7P
   74HC/HCT125 Quad buffer/line driver 3-state
More results

Similar Description - 74HC125D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC125 PHILIPS-74AHC125 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 27
74HC126 PHILIPS-74HC126 Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
74LV126 PHILIPS-74LV126 Datasheet
112Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74AHC125-Q100 NEXPERIA-74AHC125-Q100 Datasheet
822Kb / 17P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74VHC_VHCT125 PHILIPS-74VHC_VHCT125_15 Datasheet
464Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 02-13 October 2009
74VHC_VHCT126 PHILIPS-74VHC_VHCT126_15 Datasheet
98Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 01-13 August 2009
logo
Nexperia B.V. All right...
74ALVC125-Q100 NEXPERIA-74ALVC125-Q100 Datasheet
804Kb / 15P
   Quad buffer/line driver 3-state
74ALVC125 NEXPERIA-74ALVC125 Datasheet
242Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 4 - 30 April 2021
logo
NXP Semiconductors
74LV125 PHILIPS-74LV125 Datasheet
111Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
74HC_HCT125 PHILIPS-74HC_HCT125_15 Datasheet
184Kb / 17P
   Quad buffer/line driver; 3-state
Rev. 5-19 January 2015
74HC125D NXP-74HC125D Datasheet
41Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com