Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WEDPY256K72V-100BC Datasheet(PDF) 12 Page - White Electronic Designs Corporation

Part # WEDPY256K72V-100BC
Description  256Kx72 Synchronous Pipeline SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDPY256K72V-100BC Datasheet(HTML) 12 Page - White Electronic Designs Corporation

Back Button WEDPY256K72V-100BC Datasheet HTML 4Page - White Electronic Designs Corporation WEDPY256K72V-100BC Datasheet HTML 5Page - White Electronic Designs Corporation WEDPY256K72V-100BC Datasheet HTML 6Page - White Electronic Designs Corporation WEDPY256K72V-100BC Datasheet HTML 7Page - White Electronic Designs Corporation WEDPY256K72V-100BC Datasheet HTML 8Page - White Electronic Designs Corporation WEDPY256K72V-100BC Datasheet HTML 9Page - White Electronic Designs Corporation WEDPY256K72V-100BC Datasheet HTML 10Page - White Electronic Designs Corporation WEDPY256K72V-100BC Datasheet HTML 11Page - White Electronic Designs Corporation WEDPY256K72V-100BC Datasheet HTML 12Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WEDPY256K72V-XBX
August 2004
Rev. 7
Document Title
256K x 72 Synchronous SRAM
Revision History
Rev #
History
Release Date
Status
Rev 0
Initial Release
July 2001
Advanced
Rev 1
Changes (Pg. 1, 5)
1.1 Add speed grades (100MHz-200MHz) to DC
Characteristics Table
Rev 2
Change (Pg. 1)
1.1 Change product status from Advanced to Preliminary.
January 2002
Preliminary
Rev 3
Change (Pg. 1, 11)
1.1 Change Package Dimension title from Top View to
Bottom View
September 2002
Preliminary
Rev 4
Changes (Pg. 1, 5)
1.1 BGA Capacitance: Change CI from 10pF to 6pF
1.2 Change CIP to CIC, capacitance from 20pF to 15pF
1.3 Change CCK from 20pF to 12pF
1.4 Change CO from 12pF to 10pF
1.5 Change CSA from 20pF to 15pF
1.6 Add Note 2: Control Inputs = zz, ADV#, ADSP#, GW#,
ADSC#, MODE#, BWE#.
November 2002
Preliminary
Rev 5
Changes (Pg. 1, 5, 7, 12)
1.1 Add Thermal Resistance Table
1.2 Correct formatting on page 7
May 2003
Preliminary
Rev 6
Changes (Pg. 1, 11, 12)
1.1 Change mechanical drawing to new style
November 2003
Preliminary
Rev 7
Changes (Pg. 1, 12
1.1 Change status to Final
August 2004
Final


Similar Part No. - WEDPY256K72V-100BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPDC3225-B WEDC-WEDPDC3225-B Datasheet
180Kb / 3P
   25X32MM Daisy-Chain PBGA
WEDPN16M64V-100B2C WEDC-WEDPN16M64V-100B2C Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
WEDPN16M64V-100B2I WEDC-WEDPN16M64V-100B2I Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
WEDPN16M64V-100B2M WEDC-WEDPN16M64V-100B2M Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
WEDPN16M64V-125B2C WEDC-WEDPN16M64V-125B2C Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
More results

Similar Description - WEDPY256K72V-100BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
WED2ZL361MS WEDC-WED2ZL361MS Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV WEDC-WED2ZL361MV Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL64512S WEDC-WED2ZL64512S Datasheet
470Kb / 9P
   512K x 64 Synchronous Pipeline NBL SRAM
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72S-XBX WEDC-WEDPZ512K72S-XBX Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
logo
Alliance Semiconductor ...
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72V-XBX WEDC-WEDPZ512K72V-XBX Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com