Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WEDPY256K72V-100BI Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # WEDPY256K72V-100BI
Description  256Kx72 Synchronous Pipeline SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDPY256K72V-100BI Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button WEDPY256K72V-100BI Datasheet HTML 4Page - White Electronic Designs Corporation WEDPY256K72V-100BI Datasheet HTML 5Page - White Electronic Designs Corporation WEDPY256K72V-100BI Datasheet HTML 6Page - White Electronic Designs Corporation WEDPY256K72V-100BI Datasheet HTML 7Page - White Electronic Designs Corporation WEDPY256K72V-100BI Datasheet HTML 8Page - White Electronic Designs Corporation WEDPY256K72V-100BI Datasheet HTML 9Page - White Electronic Designs Corporation WEDPY256K72V-100BI Datasheet HTML 10Page - White Electronic Designs Corporation WEDPY256K72V-100BI Datasheet HTML 11Page - White Electronic Designs Corporation WEDPY256K72V-100BI Datasheet HTML 12Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WEDPY256K72V-XBX
August 2004
Rev. 7
FIGURE 2 – READ TIMING3
NOTES:
1. DQ (A2) refers to output from address A2. DQ (A2+ 1) refers to output from the next internal burst address following A2.
2. CS2# and CS2# have timing identical to CS1#. On this diagram. When CS1 is LOW, CS2# is LOW and CS2# is HIGH.
When CS1# is HIGH, CS2# is HIGH and CS2 is LOW.
3. Timing is shown assuming that the device was not enabled before entering into this sequence. OE# does not cause Q to
be driven until after the following clock rising edge.
4. Outputs are disabled within two clock cycles after deselect.
CLK
tKC
tKH
tADSS
tADSS
A1
A2
tADSH
tADSH
tAH
tAS
tWS tWH
tCES
tAAS
tKQLZ
tKQ
tOEHZ
tOEQ
tKQ
tKQHZ
tOELZ
tKQX
tAAH
(NOTE 3)
ADV# suspends burst
Deselect cycle (Note 4)
(NOTE 1)
High-Z
Single READ
Burst Read Cycle
Burst wraps around
to its initial state
Burst continued with new base address
A3
Don’t care
Undefined
tCEH
tKL
ADSP#
ADSC#
Address
GW#, BWE#
BWa-BWd
CS1#
(Note 2)
ADV#
OE#
Q#
Q(A1)
Q(A2)
Q(A2+2)
Q(A2+3)
Q(A2+1)
Q(A2)
Q(A3)
Q
(A2+1)


Similar Part No. - WEDPY256K72V-100BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPDC3225-B WEDC-WEDPDC3225-B Datasheet
180Kb / 3P
   25X32MM Daisy-Chain PBGA
WEDPN16M64V-100B2C WEDC-WEDPN16M64V-100B2C Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
WEDPN16M64V-100B2I WEDC-WEDPN16M64V-100B2I Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
WEDPN16M64V-100B2M WEDC-WEDPN16M64V-100B2M Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
WEDPN16M64V-125B2C WEDC-WEDPN16M64V-125B2C Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
More results

Similar Description - WEDPY256K72V-100BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
WED2ZL361MS WEDC-WED2ZL361MS Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV WEDC-WED2ZL361MV Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL64512S WEDC-WED2ZL64512S Datasheet
470Kb / 9P
   512K x 64 Synchronous Pipeline NBL SRAM
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72S-XBX WEDC-WEDPZ512K72S-XBX Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
logo
Alliance Semiconductor ...
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72V-XBX WEDC-WEDPZ512K72V-XBX Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com