Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WEDPY256K72V-150BM Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WEDPY256K72V-150BM
Description  256Kx72 Synchronous Pipeline SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDPY256K72V-150BM Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WEDPY256K72V-150BM Datasheet HTML 1Page - White Electronic Designs Corporation WEDPY256K72V-150BM Datasheet HTML 2Page - White Electronic Designs Corporation WEDPY256K72V-150BM Datasheet HTML 3Page - White Electronic Designs Corporation WEDPY256K72V-150BM Datasheet HTML 4Page - White Electronic Designs Corporation WEDPY256K72V-150BM Datasheet HTML 5Page - White Electronic Designs Corporation WEDPY256K72V-150BM Datasheet HTML 6Page - White Electronic Designs Corporation WEDPY256K72V-150BM Datasheet HTML 7Page - White Electronic Designs Corporation WEDPY256K72V-150BM Datasheet HTML 8Page - White Electronic Designs Corporation WEDPY256K72V-150BM Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WEDPY256K72V-XBX
August 2004
Rev. 7
PIN CONFIGURATION
(Top View)
123456789
10
A
DQ16
DQ14
DQ12
DQ10
ZZ
DQ6
DQ4
DQØ
DQ8
B
ADV#
DQ17
DQ15
DQ11
DQ9
DQ7
DQ5
DQ3
DQ1
SA13
C
OE1#
ADSP#
GW#
DQ13
DNU
GND
DQ29
DQ2
SA12
SA10
D
CS21#
CLK
BWa#
GND
GND
VCC
VCCQ
SA11
SA9
SA6
E
BWc#
BWb#
BWd#
GND
VCC
GND
GND
SA8
SA7
SAØ
F
CS21
DQ18
DQ22
VCC
VCCQ
GND
VCC
DQ30
DQ34
SA1
G
CS11#
DQ19
DQ23
GND
VCC
VCCQ
GND
DQ31
DQ33
SA5
H
DQ26
DQ20
DQ24
VCCQ
VCCQ
VCC
VCC
DQ28
DQ32
DQ35
J
SA17
DQ21
DQ25
VCC
VCC
VCCQ
VCCQ
DQ27
DQ39
DQ37
K
SA16
DQ52
DQ49
GND
VCCQ
VCC
GND
DQ40
DQ38
DQ36
L
SA14
DQ51
DQ50
VCC
GND
VCCQ
VCC
DQ42
DQ41
DQ44
M
SA15
DQ53
DQ48
GND
GND
VCC
GND
DQ43
SA3
DNU
N
OE2#
ADSC#
DQ47
VCCQ
VCC
GND
GND
MODE
SA2
SA4
P
BWE#
CS22#
DQ46
DQ45
GND
DNU
DQ59
DQ64
DQ66
DQ70
R
BWh#
BWg#
BWf#
BWe#
DQ56
DQ60
DQ61
DQ65
DQ69
DQ71
T
CS12#
CS22
DQ62
DQ54
DQ55
DQ57
DQ58
DQ63
DQ67
DQ68
DNU = DO NOT USE. RESERVED FOR FUTURE UPGRADES.


Similar Part No. - WEDPY256K72V-150BM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPDC3225-B WEDC-WEDPDC3225-B Datasheet
180Kb / 3P
   25X32MM Daisy-Chain PBGA
WEDPN16M64V-100B2C WEDC-WEDPN16M64V-100B2C Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
WEDPN16M64V-100B2I WEDC-WEDPN16M64V-100B2I Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
WEDPN16M64V-100B2M WEDC-WEDPN16M64V-100B2M Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
WEDPN16M64V-125B2C WEDC-WEDPN16M64V-125B2C Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
More results

Similar Description - WEDPY256K72V-150BM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
WED2ZL361MS WEDC-WED2ZL361MS Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV WEDC-WED2ZL361MV Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL64512S WEDC-WED2ZL64512S Datasheet
470Kb / 9P
   512K x 64 Synchronous Pipeline NBL SRAM
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72S-XBX WEDC-WEDPZ512K72S-XBX Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
logo
Alliance Semiconductor ...
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72V-XBX WEDC-WEDPZ512K72V-XBX Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com