Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC125 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. 74HC125
Description  Quad buffer/line driver; 3-state
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC125 Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC125 Datasheet HTML 1Page - NXP Semiconductors 74HC125 Datasheet HTML 2Page - NXP Semiconductors 74HC125 Datasheet HTML 3Page - NXP Semiconductors 74HC125 Datasheet HTML 4Page - NXP Semiconductors 74HC125 Datasheet HTML 5Page - NXP Semiconductors 74HC125 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
December 1990
5
Philips Semiconductors
Product specification
Quad buffer/line driver; 3-state
74HC/HCT125
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: bus driver
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL =50pF
INPUT
UNIT LOAD COEFFICIENT
nA, nOE
1.00
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min. typ. max. min. max.
min.
max.
tPHL/ tPLH propagation delay
nA to nY
15
25
31
38
ns
4.5
Fig.6
tPZH/ tPZL 3-state output enable time
nOE to nY
15
28
35
42
ns
4.5
Fig.7
tPHZ/ tPLZ 3-state output disable time
nOE to nY
15
25
31
38
ns
4.5
Fig.7
tTHL/ tTLH
output transition time
5
12
15
18
ns
4.5
Fig.6


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74AHC126 Quad buffer/line driver; 3-state 1  2  3  4  5  More NXP Semiconductors
74ALVC125 Quad buffer/line driver; 3-state 1  2  3  4  5  More NXP Semiconductors
74LVC125 Quad buffer/line driver; 3-State 1  2  3  4  5  More NXP Semiconductors
74HC126 Quad buffer/line driver; 3-state 1  2  3  4  5  More NXP Semiconductors
74AHC125 Quad buffer/line driver; 3-state 1  2  3  4  5  More NXP Semiconductors
74F125 Quad buffers 3-State 1  2  3  4  5  More NXP Semiconductors
74F257A Quad 2-line to 1-line selector/multiplexer non-inverting 3-State 1  2  3  4  5  More NXP Semiconductors
74LVT126 3.3V Quad buffer 3-State 1  2  3  4  5  More NXP Semiconductors
74F243 Quad Bus Transceiver with 3-STATE Outputs 1  2  3  4  Fairchild Semiconductor
MM74HC125 3-STATE Quad Buffers 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn