Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV1233-011LF Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SMV1233-011LF
Description  Hyperabrupt Tuning Varactors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1233-011LF Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

  SMV1233-011LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1233-011LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1233-011LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1233-011LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1233-011LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1233-011LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1233-011LF Datasheet HTML 7Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
January 20, 2005 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200058 Rev. C
DATA SHEET • SMV1231–SMV1237
6
SOT-23
3
2
1
0.035 (0.89 mm) Min.
0.044 (1.12 mm) Max.
0.0005 (0.01 mm) Min.
0.004 (0.10 mm) Max.
0.012 (0.30 mm) Min.
0.020 (0.50 mm) Max.
0.003 (0.080 mm) Min.
0.008 (0.20 mm) Max.
8˚ Max.
0.022 (0.55 mm) Ref.
0.110 (2.80 mm) Min.
0.120 (3.04 mm) Max.
0.083 (2.10 mm) Min.
0.104 (2.64 mm) Max.
0.037 (0.95 mm) Ref.
0.047 (1.20 mm) Min.
0.055 (1.40 mm) Max.
0.076 (1.92 mm) Ref.
0.020 (0.51 mm) Ref.
SOD-323
0.090 (2.30 mm) Min.
0.108 (2.74 mm) Max.
0.045 (1.15 mm) Min.
0.053 (1.35 mm) Max.
0.050
(1.25 mm) Max.
0.006
(0.15 mm) Typ.
0.008 (0.20 mm) Nom.
0.004 (0.10 mm) Max.
0.010 (0.25 mm) Min.
0.010
(0.25 mm) Min.
0.016
(0.40 mm) Max.
0.063 (1.60 mm) Min.
0.071 (1.80 mm) Max.
Cathode
Indicator
2
1
SC-79
0.060 (1.50 mm) Min.
0.067 (1.70 mm) Max.
0.010
(0.25 mm) Min.
0.014
(0.35 mm) Max.
0.043 (1.10 mm) Min.
0.051 (1.30 mm) Max.
0.020
(0.50 mm) Min.
0.028
(0.70 mm) Max.
0.003
(0.07 mm) Min.
0.008
(0.20 mm) Max.
10˚ Max.
10˚ Max.
0.028
(0.70 mm) Min.
0.035
(0.90 mm) Max.
0.006 (0.15 mm) Min.
Cathode
Indicator
12
SC-70
3
2
1
0.031 (0.80 mm) Min.
0.039 (1.00 mm) Max.
0.000 (0.00 mm) Min.
0.004 (0.10 mm) Max.
0.010 (0.25 mm) Min.
0.016 (0.40 mm) Max.
0.071 (1.80 mm) Min.
0.087 (2.20 mm) Max.
0.071 (1.80 mm) Min.
0.094 (2.40 mm) Max.
0.045 (1.15 mm) Min.
0.053 (1.35 mm) Max.
0.026 (0.65 mm) Ref.
0.051 (1.30 mm) Ref.
0.004 (0.10 mm) Min.
0.007 (0.18 mm) Max.
0.004 (0.10 mm) Min.
0.012 (0.30 mm) Max.
0.014 (0.35 mm) Ref.


Similar Part No. - SMV1233-011LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1233-011LF SKYWORKS-SMV1233-011LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SMV1233-011LF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1247 ALPHA-SMV1247 Datasheet
502Kb / 4P
   Hyperabrupt Tuning Varactors
SMV1232 ALPHA-SMV1232 Datasheet
42Kb / 4P
   Hyperabrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1247 SKYWORKS-SMV1247 Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com