Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MV54ACTQ541-X Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. MV54ACTQ541-X
Description  Octal Buffer/Line Driver with TRI-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

MV54ACTQ541-X Datasheet(HTML) 3 Page - National Semiconductor (TI)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MICROCIRCUIT DATA SHEET
MV54ACTQ541-X REV 0A0
(Absolute Maximum Ratings)
(Note 1)
Supply Voltage (Vcc)
-0.5V to +7.0V
DC Input Diode Current (Iik)
-20 mA
Vi = -0.5V
+20 mA
Vi = Vcc +0.5V
DC Input Voltage (Vi)
-0.5V to Vcc +0.5V
DC Output Diode Current (Iok)
-20 mA
Vo = -0.5V
+20 mA
Vo = Vcc +0.5V
DC Output Voltage (Vo)
-0.5V to Vcc +0.5V
DC Output Source or Sink Current (Io)
+50 mA
DC Vcc or Ground Current per Output Pin (Icc or Ignd)
+50 mA
Storage Temperature (Tstg)
-65 C to +150 C
DC Latch-Up Source or Sink Current
+300 mA
Junction Temperature (Tj)
175 C
Thermal Resistance, junction-to-case (jc)
see Mil-Std 1835
Maximum Power Dissipation (pd)
500 mW
Lead Temperature
+300 C
soldering, 10 seconds
Note 1:
Absolute maximum ratings are those values beyond which damage to the device may
occur.
The databook specifications should be met, without exception, to ensure that
the system design is reliable over its power supply, temperature, and output/input
loading variables.
National does not recommend operation of FACT TM circuits outside
databook specifications.
Recommended Operating Conditions
Supply Voltage (Vcc)
4.5V to 5.5V
Input Voltage (Vi)
0V to Vcc
Output Voltage (Vo)
0V to Vcc
Minimum Input Edge Rate Delta V/Delta T
ACTQ Devices
Vin from 0.8V to 2.0V
125 mV/ns
Vc @ 4.5V, 5.5V
Operating Temperature (ta)
-55 C to +125 C
Maximum High Level Output Current (Ioh)
-24 mA
Maximum Low Level Output Current (Iol)
+24 mA
3


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
54ABT240Octal Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
54ACTQ241Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
MN54ABT240OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS 1 2 3 4 5 MoreNational Semiconductor (TI)
54ABT241Octal Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
54ACTQ541Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
54ABT244Octal Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
54ABT541Octal Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
54AC240Octal Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
54F540DMOctal Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
54AC241Octal Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn