Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WED3EG6417S-D4 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WED3EG6417S-D4
Description  128MB - 16Mx64 DDR SDRAM UNBUFFERED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3EG6417S-D4 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WED3EG6417S-D4 Datasheet HTML 1Page - White Electronic Designs Corporation WED3EG6417S-D4 Datasheet HTML 2Page - White Electronic Designs Corporation WED3EG6417S-D4 Datasheet HTML 3Page - White Electronic Designs Corporation WED3EG6417S-D4 Datasheet HTML 4Page - White Electronic Designs Corporation WED3EG6417S-D4 Datasheet HTML 5Page - White Electronic Designs Corporation WED3EG6417S-D4 Datasheet HTML 6Page - White Electronic Designs Corporation WED3EG6417S-D4 Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED3EG6417S-D4
March 2002
Rev. # 0
*ADVANCED
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
128MB - 16Mx64 DDR SDRAM UNBUFFERED
DESCRIPTION
The WED3DG6417S is a 16Mx64 Double Data Rate
SDRAM memory module based on 128Mb DDR SDRAM
component. The module consists of eight 16Mx8 DDR
SDRAMs in 66 pin TSOP package mounted on a 200
pin FR4 Substrate.
Synchronous design allows precise cycle control with
the use of system clock. Data I/O transactions are
possible on both edges and Burst Lenths allow the same
device to be useful for a variety of high bandwidth, high
performance memory system applications.
* This datasheet describes a product that may or may not be under development
and is subject to change or cancellation without notice.
FEATURES
n
Double-data-rate architecture
n
Bi-directional data strobes (DQS)
n
Differential clock inputs (CK & CK#)
n
Programmable Read Latency 2,2.5 (clock)
n
Programmable Burst Length (2,4,8)
n
Programmable Burst type (sequential & interleave)
n
Edge aligned data output, center aligned data
input
n
Auto and self refresh
n
Serial presence detect
n
JEDEC standard 200 pin SO-DIMM package
n
Power supply: 2.5V ± 0.25V


Similar Part No. - WED3EG6417S-D4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3EG6418S-D4 WEDC-WED3EG6418S-D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
WED3EG6418S202D4 WEDC-WED3EG6418S202D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
WED3EG6418S262D4 WEDC-WED3EG6418S262D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
WED3EG6418S265D4 WEDC-WED3EG6418S265D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
WED3EG6418S335D4 WEDC-WED3EG6418S335D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
More results

Similar Description - WED3EG6417S-D4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
W3DG6417V-D2 WEDC-W3DG6417V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6418V-D1 WEDC-W3DG6418V-D1 Datasheet
135Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
WED3EG6418S-D4 WEDC-WED3EG6418S-D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
W3DG6418V-AD1 WEDC-W3DG6418V-AD1 Datasheet
123Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
WED3DG6419V-D2 WEDC-WED3DG6419V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6418V-D2 WEDC-W3DG6418V-D2 Datasheet
127Kb / 7P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6416V-D1 WEDC-W3DG6416V-D1 Datasheet
126Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
W3DG6416V-D2 WEDC-W3DG6416V-D2 Datasheet
101Kb / 5P
   128MB-16Mx64 SDRAM UNBUFFERED
WED3DG6417V-D1 WEDC-WED3DG6417V-D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com