Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H1344V41DL8A Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # H1344V41DL8A
Description  CMOS Circuit for Analog Quartz Clocks with Bipolar Stepping Motor Drive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

H1344V41DL8A Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  H1344V41DL8A Datasheet HTML 1Page - EM Microelectronic - MARIN SA H1344V41DL8A Datasheet HTML 2Page - EM Microelectronic - MARIN SA H1344V41DL8A Datasheet HTML 3Page - EM Microelectronic - MARIN SA H1344V41DL8A Datasheet HTML 4Page - EM Microelectronic - MARIN SA H1344V41DL8A Datasheet HTML 5Page - EM Microelectronic - MARIN SA H1344V41DL8A Datasheet HTML 6Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R
H1344
Copyright © 2004, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
CMOS Circuit for Analog Quartz Clocks with Bipolar
Stepping Motor Drive
Description
The H 1344 is a low power 32Khz analog clock integrated
circuit designed in HCMOS technology to drive a bipolar
stepping motor. A set of capacitors is provided on chip to be
connected, in any combination, to the two oscillator
terminals, with a maximum total capacitance of 48pF. Both
the motor pulse period and the motor pulse width are mask-
programmable. See page 6 for already available options.
Applications
!
Analog clocks
Features
!
32kHz quartz oscillator
!
Integrated capacitors, mask selectable
!
Single battery operation
!
0.7
µA typical current consumption
!
Low resistance outputs for bipolar stepping motor
!
Mask options for pad designation, motor period and
pulse width, alarm frequency, modulation and duty
cycle
!
Alarm output function compatible with either NPN or
PNP-driver transistors
!
Alarm input function
!
1024Hz output on ALIN pad for oscillator frequency
verification
!
Fast test function
!
ESD protected terminals
Functional Diagram
1.5V
+
H1344
V40
V41
V47
1
2
3
4
8
7
6
5
M
Alarm Output
CTR
Motor
Fig. 1
Pin Assignment
H1344
V38
1
3
4
2
8
6
5
7
VDD
MOT2
ALARMIN
VSS
OSCOUT
MOT1
ALARMOUT
OSCIN
H1344
V40
V41
V47
V143
1
3
4
2
8
6
5
7
VDD
MOT2
ALARMIN
VSS
OSCIN
MOT1
ALARMOUT
OSCOUT
Fig. 2
EM MICROELECTRONIC - MARIN SA


Similar Part No. - H1344V41DL8A

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H134 HSMC-H134 Datasheet
268Kb / 8P
   Constant Voltage and Constant Current Control
More results

Similar Description - H1344V41DL8A

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
H1137 EMMICRO-H1137 Datasheet
166Kb / 6P
   CMOS circuit for Analog Quartz Watches
logo
Rohm
BD6380EFV ROHM-BD6380EFV Datasheet
299Kb / 6P
   Bipolar stepping motor driver
BD6387EFV ROHM-BD6387EFV Datasheet
301Kb / 6P
   Bipolar stepping motor driver
BD6389FM ROHM-BD6389FM Datasheet
296Kb / 6P
   Bipolar stepping motor driver
BD6384EFV-E2 ROHM-BD6384EFV-E2 Datasheet
309Kb / 6P
   Bipolar stepping motor driver
BD6383EFV ROHM-BD6383EFV Datasheet
300Kb / 6P
   Bipolar stepping motor driver
BD6384EFV ROHM-BD6384EFV Datasheet
309Kb / 6P
   Bipolar stepping motor driver
BD6385EFV ROHM-BD6385EFV Datasheet
301Kb / 6P
   Bipolar stepping motor driver
BD6290EFV ROHM-BD6290EFV Datasheet
298Kb / 5P
   Bipolar stepping motor driver
BD6381EFV ROHM-BD6381EFV Datasheet
283Kb / 5P
   Bipolar stepping motor driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com