Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WED2DG472512V-D2 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WED2DG472512V-D2
Description  16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED2DG472512V-D2 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WED2DG472512V-D2 Datasheet HTML 1Page - White Electronic Designs Corporation WED2DG472512V-D2 Datasheet HTML 2Page - White Electronic Designs Corporation WED2DG472512V-D2 Datasheet HTML 3Page - White Electronic Designs Corporation WED2DG472512V-D2 Datasheet HTML 4Page - White Electronic Designs Corporation WED2DG472512V-D2 Datasheet HTML 5Page - White Electronic Designs Corporation WED2DG472512V-D2 Datasheet HTML 6Page - White Electronic Designs Corporation WED2DG472512V-D2 Datasheet HTML 7Page - White Electronic Designs Corporation WED2DG472512V-D2 Datasheet HTML 8Page - White Electronic Designs Corporation WED2DG472512V-D2 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED2DG472512V-D2
January 2000
Rev. 0
ADVANCED*
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
DESCRIPTION
16MB (4x512Kx72) SYNC BURST-PIPELINE,
DUAL KEY DIMM
The WED2DG472512V is a Synchronous/Synchronous
Burst SRAM, 84 position Dual Key; Double High DIMM
(168 contacts) Module, organized as 4x512Kx72. The
Module contains sixteeen (16) Synchronous Burst
RAM devices, packaged in the industry standard
JEDEC 14mmx20mm TQFP placed on a Multilayer
FR4 Substrate. The Module Architecture is defined as a
Sync/SyncBurst, Pipeline, with support for either linear or
sequential burst. This Module provides high performance,
3-1-1-1 accesses when used in Burst Mode, and when
used in Synchronous Only Mode, provides a high
performance, data access every second cycle.
Synchronous Only operations are performed via strapping
ADSC# Low, and ADSP#/ADV# High, which provides for
Ultra Fast Accesses in Read Mode while providing for
internally self-timed Early Writes.
Synchronous/Synchronous Burst operations are in
relation to an externally supplied clock, Registered
Address, Registered Global Write, Registered Enables as
well as an Asynchronous Output Enable. This Module has
been defined with full flexibility, which allows individual
control of each of the eight bytes, as well as Quad Words
in both Read and Write Operations.
* This product is under development, is not qualified or characterized and is subject to
change or cancellation without notice.
FEATURES
4x512Kx72 Synchronous, Synchronous Burst
Pipeline Architecture; Single Cycle Deselect
Linear and Sequential Burst Support via MODE pin
Clock Controlled Registered Module Enable (EM#)
Clock Controlled Registered Bank Enables (E1#, E2#,
E3#, E4#)
Clock Controlled Byte Write Mode Enable (BWE#)
Clock Controlled Byte Write Enables (BW1# - BW8#)
Clock Controlled Registered Address
Clock Controlled Registered Global Write (GW#)
Asynchronous Output Enable (G#)
Internally Self-Timed Write
Individual Bank Sleep Mode Enables (ZZ1, ZZ2, ZZ3, ZZ4)
Gold Lead Finish
3.3V ± 10% Operation
Frequency(s): 200, 166, 150, and 133MHz
Access Speed(s): tKHQV = 3.0, 3.5, 3.7, and 4.0ns
Common Data I/O
High Capacitance (30pF) Drive, at Rated Access Speed
Single Total Array Clock
Multiple Vcc and Gnd for Improved Noise Immunity


Similar Part No. - WED2DG472512V-D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
WED2DL32512V25BC WEDC-WED2DL32512V25BC Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
WED2DL32512V35BC WEDC-WED2DL32512V35BC Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
WED2DL32512V38BC WEDC-WED2DL32512V38BC Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
WED2DL32512V38BI WEDC-WED2DL32512V38BI Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
More results

Similar Description - WED2DG472512V-D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2EG472512V-D2 WEDC-WED2EG472512V-D2 Datasheet
265Kb / 10P
   16MB (4x512Kx72) SYNC BURST PIPELINE, DUAL KEY DIMM
WED2CG472512V-D2 WEDC-WED2CG472512V-D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
EDI2CG472256V WEDC-EDI2CG472256V Datasheet
202Kb / 11P
   8 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG472128V WEDC-EDI2CG472128V Datasheet
191Kb / 11P
   4 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2AG272128V-D1 WEDC-EDI2AG272128V-D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2CG272128V WEDC-EDI2CG272128V Datasheet
164Kb / 12P
   2x128Kx72, 3.3V Sync/Sync Burst SRAM SO-DIMM
EDI2AG272129V WEDC-EDI2AG272129V Datasheet
162Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
WED2ZL361MS WEDC-WED2ZL361MS Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV WEDC-WED2ZL361MV Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com