Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3879SDX-1.2 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3879SDX-1.2
Description  Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3879SDX-1.2 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP3879SDX-1.2 Datasheet HTML 3Page - National Semiconductor (TI) LP3879SDX-1.2 Datasheet HTML 4Page - National Semiconductor (TI) LP3879SDX-1.2 Datasheet HTML 5Page - National Semiconductor (TI) LP3879SDX-1.2 Datasheet HTML 6Page - National Semiconductor (TI) LP3879SDX-1.2 Datasheet HTML 7Page - National Semiconductor (TI) LP3879SDX-1.2 Datasheet HTML 8Page - National Semiconductor (TI) LP3879SDX-1.2 Datasheet HTML 9Page - National Semiconductor (TI) LP3879SDX-1.2 Datasheet HTML 10Page - National Semiconductor (TI) LP3879SDX-1.2 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Notes
National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves
the right at any time without notice to change said circuitry and specifications.
For the most current product information visit us at www.national.com.
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS
WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT AND GENERAL COUNSEL OF NATIONAL SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body, or
(b) support or sustain life, and whose failure to perform when
properly used in accordance with instructions for use
provided in the labeling, can be reasonably expected to result
in a significant injury to the user.
2. A critical component is any component of a life support
device or system whose failure to perform can be reasonably
expected to cause the failure of the life support device or
system, or to affect its safety or effectiveness.
BANNED SUBSTANCE COMPLIANCE
National Semiconductor follows the provisions of the Product Stewardship Guide for Customers (CSP-9-111C2) and Banned Substances
and Materials of Interest Specification (CSP-9-111S2) for regulatory environmental compliance. Details may be found at:
www.national.com/quality/green.
Lead free products are RoHS compliant.
National Semiconductor
Americas Customer
Support Center
Email: new.feedback@nsc.com
Tel: 1-800-272-9959
National Semiconductor
Europe Customer Support Center
Fax: +49 (0) 180-530 85 86
Email: europe.support@nsc.com
Deutsch Tel: +49 (0) 69 9508 6208
English
Tel: +44 (0) 870 24 0 2171
Français Tel: +33 (0) 1 41 91 8790
National Semiconductor
Asia Pacific Customer
Support Center
Email: ap.support@nsc.com
National Semiconductor
Japan Customer Support Center
Fax: 81-3-5639-7507
Email: jpn.feedback@nsc.com
Tel: 81-3-5639-7560
www.national.com


Similar Part No. - LP3879SDX-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3879SDX-1.2 TI-LP3879SDX-1.2 Datasheet
1Mb / 18P
[Old version datasheet]   LP3879 Micropower 800mA Low Noise "Ceramic Stable" Voltage Regulator for Low
LP3879SDX-1.2/NOPB TI1-LP3879SDX-1.2/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   LP3879 Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications
More results

Similar Description - LP3879SDX-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3879MR-12 TI1-LP3879MR-12 Datasheet
1Mb / 18P
[Old version datasheet]   LP3879 Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications
LP3879MR-1.2 TI-LP3879MR-1.2 Datasheet
1Mb / 18P
[Old version datasheet]   LP3879 Micropower 800mA Low Noise "Ceramic Stable" Voltage Regulator for Low
logo
National Semiconductor ...
LP3878-ADJ NSC-LP3878-ADJ Datasheet
791Kb / 13P
   Micropower 800mA Low Noise(Ceramic Stable) Adjustable Voltage Regulator for 1V to 5V Applications
LP3878 NSC-LP3878 Datasheet
640Kb / 11P
   Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications Designed for Use with Very Low ESR Output Capacitors
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1117M3-L-3.3 EXAR-SPX1117M3-L-3.3 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908 Datasheet
65Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com