Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3H32M64E-SBC Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W3H32M64E-SBC
Description  32M x 64 DDR2 SDRAM 208 PBGA Multi-Chip Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3H32M64E-SBC Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W3H32M64E-SBC Datasheet HTML 1Page - White Electronic Designs Corporation W3H32M64E-SBC Datasheet HTML 2Page - White Electronic Designs Corporation W3H32M64E-SBC Datasheet HTML 3Page - White Electronic Designs Corporation W3H32M64E-SBC Datasheet HTML 4Page - White Electronic Designs Corporation W3H32M64E-SBC Datasheet HTML 5Page - White Electronic Designs Corporation W3H32M64E-SBC Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
W3H32M64E-XSBX
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
October 2005
Rev. 3
ADVANCED
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ORDERING INFORMATION
WHITE ELECTRONIC DESIGNS CORP.
DDR2 SDRAM
CONFIGURATION, 32M x 64
1.8V Power Supply
DATA RATE (Mbs)
400 = 400Mbs
533 = 533Mbs
667 = 667Mbs
Blank = No datarate specified for ES product (1)
PACKAGE:
ES = Non Qualified Product (1)
SB = 208 Plastic Ball Grid Array (PBGA)
DEVICE GRADE:
M = Military
-55°C to +125°C
I
= Industrial
-40°C to +85°C
C = Commercial
0°C to +70°C
Blank = No temperature specified for ES product (1)
W 3H 32M 64 E - XXX SB X
Note 1: W3H32M64E-ESSB is the only available product until completion of qualification.


Similar Part No. - W3H32M64E-SBC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3H32M72E-400ES WEDC-W3H32M72E-400ES Datasheet
920Kb / 30P
   32M x 72 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H32M72E-400ESC WEDC-W3H32M72E-400ESC Datasheet
920Kb / 30P
   32M x 72 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H32M72E-400ESI WEDC-W3H32M72E-400ESI Datasheet
920Kb / 30P
   32M x 72 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H32M72E-400ESM WEDC-W3H32M72E-400ESM Datasheet
920Kb / 30P
   32M x 72 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H32M72E-400SB WEDC-W3H32M72E-400SB Datasheet
920Kb / 30P
   32M x 72 DDR2 SDRAM 208 PBGA Multi-Chip Package
More results

Similar Description - W3H32M64E-SBC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3H32M72E-XSBX WEDC-W3H32M72E-XSBX Datasheet
920Kb / 30P
   32M x 72 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H64M72E-XSBX WEDC-W3H64M72E-XSBX Datasheet
941Kb / 30P
   64M x 72 DDR2 SDRAM 208 PBGA Multi-Chip Package
logo
Winbond
W972GG8JB WINBOND-W972GG8JB_12 Datasheet
1Mb / 87P
   32M x 8 BANKS x 8 BIT DDR2 SDRAM
logo
White Electronic Design...
W3DG6430V-D2 WEDC-W3DG6430V-D2 Datasheet
132Kb / 6P
   256MB - 32M x 64 BUFFERED SDRAM MODULE
logo
Elpida Memory
EDE5116AFSE ELPIDA-EDE5116AFSE Datasheet
681Kb / 65P
   512M bits DDR2 SDRAM (32M words x 16 bits)
logo
Winbond
W972GG8JB-3-TR WINBOND-W972GG8JB-3-TR Datasheet
1Mb / 87P
   32M 8 BANKS 8 BIT DDR2 SDRAM
W972GG8JB WINBOND-W972GG8JB Datasheet
1Mb / 86P
   32M ??8 BANKS ??8 BIT DDR2 SDRAM
logo
Mosel Vitelic, Corp
V436632R24VL MOSEL-V436632R24VL Datasheet
380Kb / 12P
   3.3 VOLT 32M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
V436632Y24V MOSEL-V436632Y24V Datasheet
314Kb / 12P
   256MB 144-PIN UNBUFFERED SDRAM SODIMM, 32M X 64 3.3VOLT
V826532K04S MOSEL-V826532K04S Datasheet
268Kb / 14P
   2.5 VOLT 32M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com