Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3H32M72E-533SBC Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W3H32M72E-533SBC
Description  32M x 72 DDR2 SDRAM 208 PBGA Multi-Chip Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3H32M72E-533SBC Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W3H32M72E-533SBC Datasheet HTML 1Page - White Electronic Designs Corporation W3H32M72E-533SBC Datasheet HTML 2Page - White Electronic Designs Corporation W3H32M72E-533SBC Datasheet HTML 3Page - White Electronic Designs Corporation W3H32M72E-533SBC Datasheet HTML 4Page - White Electronic Designs Corporation W3H32M72E-533SBC Datasheet HTML 5Page - White Electronic Designs Corporation W3H32M72E-533SBC Datasheet HTML 6Page - White Electronic Designs Corporation W3H32M72E-533SBC Datasheet HTML 7Page - White Electronic Designs Corporation W3H32M72E-533SBC Datasheet HTML 8Page - White Electronic Designs Corporation W3H32M72E-533SBC Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
W3H32M72E-XSBX
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
February 2006
Rev. 2
PRELIMINARY*
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
TABLE – 1 BALL DESCRIPTIONS (continued)
A0-A12
Input
Address inputs: Provide the row address for ACTIVE commands, and the column address and auto precharge bit
(A10) for READ/WRITE commands, to select one location out of the memory array in the respective bank. A10
sampled during a PRECHARGE command determines whether the PRECHARGE applies to one bank (A10 LOW,
bank selected by BA1–BA0) or all banks (A10 HIGH) The address inputs also provide the op-code during a LOAD
MODE command.
DQ0-71
I/O
Data input/output: Bidirectional data bus
UDQS, UDQS#
I/O
Data strobe for upper byte: Output with read data, input with write data for source synchronous operation. Edge-
aligned with read data, center-aligned with write data. UDQS# is only used when differential data strobe mode is
enabled via the LOAD MODE command.
LDQS, LDQS#
I/O
Data strobe for lower byte: Output with read data, input with write data for source synchronous operation. Edge-
aligned with read data, center-aligned with write data. UDQS# is only used when differential data strobe mode is
enabled via the LOAD MODE command.
VCC
Supply
Power Supply: 1.8V ±0.1V
VCCQ
Supply
DQ Power supply: 1.8V ±0.1V. Isolated on the device for improved noise immunity
VREF
Supply
SSTL_18 reference voltage.
VSS
Supply
Ground
NC
-
No connect: These balls should be left unconnected.
DNU
-
Future use; Row address bits A14 and A15 are reserved for 8Gb and 16Gb densities. BA2 is reserved for 4Gb
device.


Similar Part No. - W3H32M72E-533SBC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3H32M64E-400ES WEDC-W3H32M64E-400ES Datasheet
231Kb / 6P
   32M x 64 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H32M64E-400ESC WEDC-W3H32M64E-400ESC Datasheet
231Kb / 6P
   32M x 64 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H32M64E-400ESI WEDC-W3H32M64E-400ESI Datasheet
231Kb / 6P
   32M x 64 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H32M64E-400ESM WEDC-W3H32M64E-400ESM Datasheet
231Kb / 6P
   32M x 64 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H32M64E-400SB WEDC-W3H32M64E-400SB Datasheet
231Kb / 6P
   32M x 64 DDR2 SDRAM 208 PBGA Multi-Chip Package
More results

Similar Description - W3H32M72E-533SBC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3H32M64E-XSBX WEDC-W3H32M64E-XSBX Datasheet
231Kb / 6P
   32M x 64 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H64M72E-XSBX WEDC-W3H64M72E-XSBX Datasheet
941Kb / 30P
   64M x 72 DDR2 SDRAM 208 PBGA Multi-Chip Package
logo
Winbond
W972GG8JB WINBOND-W972GG8JB_12 Datasheet
1Mb / 87P
   32M x 8 BANKS x 8 BIT DDR2 SDRAM
logo
Elpida Memory
EDE5116AFSE ELPIDA-EDE5116AFSE Datasheet
681Kb / 65P
   512M bits DDR2 SDRAM (32M words x 16 bits)
logo
Winbond
W972GG8JB-3-TR WINBOND-W972GG8JB-3-TR Datasheet
1Mb / 87P
   32M 8 BANKS 8 BIT DDR2 SDRAM
W972GG8JB WINBOND-W972GG8JB Datasheet
1Mb / 86P
   32M ??8 BANKS ??8 BIT DDR2 SDRAM
logo
Siemens Semiconductor G...
HYS6472V16200GU SIEMENS-HYS6472V16200GU Datasheet
84Kb / 17P
   3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
logo
Mosel Vitelic, Corp
V437332S04V MOSEL-V437332S04V Datasheet
301Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437432E24V MOSEL-V437432E24V Datasheet
309Kb / 13P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V827332K04S MOSEL-V827332K04S Datasheet
277Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com