Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3HG2128M72ACERXXXAD6SG Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # W3HG2128M72ACERXXXAD6SG
Description  2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3HG2128M72ACERXXXAD6SG Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button W3HG2128M72ACERXXXAD6SG Datasheet HTML 2Page - White Electronic Designs Corporation W3HG2128M72ACERXXXAD6SG Datasheet HTML 3Page - White Electronic Designs Corporation W3HG2128M72ACERXXXAD6SG Datasheet HTML 4Page - White Electronic Designs Corporation W3HG2128M72ACERXXXAD6SG Datasheet HTML 5Page - White Electronic Designs Corporation W3HG2128M72ACERXXXAD6SG Datasheet HTML 6Page - White Electronic Designs Corporation W3HG2128M72ACERXXXAD6SG Datasheet HTML 7Page - White Electronic Designs Corporation W3HG2128M72ACERXXXAD6SG Datasheet HTML 8Page - White Electronic Designs Corporation W3HG2128M72ACERXXXAD6SG Datasheet HTML 9Page - White Electronic Designs Corporation W3HG2128M72ACERXXXAD6SG Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
W3HG2128M72ACER-AD6
PRELIMINARY
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
May 2006
Rev. 5
AC TIMING PARAMETERS
0°C ≤ TCASE < +85°C; VCCQ = + 1.8V ± 0.1V, VCC = +1.8V ± 0.1V
AC CHARACTERISTICS
806
667
534
403
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Notes
Clock cycle time
CL = 6
tCK (6)
TBD
TBD
ps
16, 24
CL = 5
tCK (5)
TBD
TBD
3,000
8,000
ps
16, 24
CL = 4
tCK (4)
TBD
TBD
3,750
8,000
3,750
8,000
5,000
8,000
ps
16, 24
CL = 3
tCK (3)
TBD
TBD
5,000
8,000
5,000
8,000
5,000
8,000
ps
16, 24
CK high-level width
tCH
TBD
TBD
0.45
0.55
0.45
0.55
0.45
0.55
tCK
18
CK low-level width
tCL
TBD
TBD
0.45
0.55
0.45
0.55
0.45
0.55
tCK
18
Half clock period
tHP
TBD
TBD
MIN
(tCH,
tCL)
MIN
(tCH,
tCL)
MIN
(tCH,
tCL)
ps
19
DQ output access time from CK/CK#
tAC
TBD
TBD
-450
+450
-500
+500
-600
+600
ps
Data-out high-impedance window from
CK/CK#
tHZ
TBD
TBD
tAC
(MAX)
tAC
MAX
tAC
MAX
ps
8, 9
Data-out low-impedance window from CK/CK#
tLZ
TBD
TBD
tAC
(MIN)
tAC
(MAX)
tAC
(MIN)
tAC
(MAX)
tAC
(MIN)
tAC
(MAX)
ps
8, 10
DQ and DM input setup time relative to DQS
tDSa
TBD
TBD
300
350
400
ps
7, 15,
21
DQ and DM input hold time relative to DQS
tDHa
TBD
TBD
300
350
400
ps
7, 15,
21
DQ and DM input setup time relative to DQS
tDSb
TBD
TBD
100
100
150
tCK
7, 15,
21
DQ and DM input hold time relative to DQS
tQHb
TBD
TBD
175
225
275
ps
7, 15,
21
DQ…DQS hold, DQS to first DQ to go
nonvalid, per access relative to DQS
tDIPW
TBD
TBD
0.35
0.35
0.35
ps
Data hold skew factor
tQHS
TBD
TBD
340
400
450
DQ–DQS hold, DQS to first DQ to go nonvalid,
per access
tQH
TBD
TBD
tHP-
tQHS
tHP-
tQHS
tHP-
tQHS
15, 17
Data valid output window (DVW)
tDVW
TBD
TBD
tQH-
tDQSQ
tQH-
tDQSQ
tQH-
tDQSQ
15, 17
DQS input high pulse width
tDQSH
TBD
TBD
0.35
0.35
0.35
tCK
DQS input low pulse width
tDQSL
TBD
TBD
0.35
0.35
0.35
tCK
DQS output access time from CK/CK#
tDQSCK
TBD
TBD
-400
+400
-450
+450
-500
+500
ps
DQS falling edge to CK rising– setup time
tDSS
TBD
TBD
0.2
0.2
0.2
tCK
DQS falling edge from CK rising – hold time
tDSH
TBD
TBD
0.2
0.2
0.2
tCK
DQS–DQ skew, DQS to last DQ valid, per
group, per access
tDQSQ
TBD
TBD
240
300
350
ps
15, 17
DQS read preamble
tRPRE
TBD
TBD
0.9
1.1
0.9
1.1
0.9
1.1
tCK
35
NOTE:
• AC specification is based on MICRON components. Other DRAM manufactures specification may be different.


Similar Part No. - W3HG2128M72ACERXXXAD6SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
W3HG264M72EER403AD7XG WEDC-W3HG264M72EER403AD7XG Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
W3HG264M72EER534AD7XG WEDC-W3HG264M72EER534AD7XG Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
W3HG264M72EER665AD7XG WEDC-W3HG264M72EER665AD7XG Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
W3HG264M72EER806AD7XG WEDC-W3HG264M72EER806AD7XG Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
More results

Similar Description - W3HG2128M72ACERXXXAD6SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG2128M72AER-D6 WEDC-WV3HG2128M72AER-D6 Datasheet
152Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG2128M72EEU-AD4 WEDC-WV3HG2128M72EEU-AD4 Datasheet
180Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED, ECC w/PLL
W3EG72255S-D3 WEDC-W3EG72255S-D3 Datasheet
247Kb / 15P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG2128M72AFSR-D3 WEDC-W3EG2128M72AFSR-D3 Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
WV3DG72256V-AD2 WEDC-WV3DG72256V-AD2 Datasheet
253Kb / 9P
   2GB - 2x128Mx72 SDRAM, REGISTERED
W3HG64M72EER-AD7 WEDC-W3HG64M72EER-AD7 Datasheet
195Kb / 14P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG2128M72EEU-D6 WEDC-WV3HG2128M72EEU-D6 Datasheet
194Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED DIMM
logo
Elpida Memory
EBE41AF4A1QB ELPIDA-EBE41AF4A1QB Datasheet
265Kb / 27P
   4GB VLP Registered DDR2 SDRAM DIMM
logo
White Electronic Design...
W3EG64255S-JD3 WEDC-W3EG64255S-JD3 Datasheet
203Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED, w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com