Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3HG2128M72ACERXXXAD6SG Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # W3HG2128M72ACERXXXAD6SG
Description  2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3HG2128M72ACERXXXAD6SG Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  W3HG2128M72ACERXXXAD6SG Datasheet HTML 1Page - White Electronic Designs Corporation W3HG2128M72ACERXXXAD6SG Datasheet HTML 2Page - White Electronic Designs Corporation W3HG2128M72ACERXXXAD6SG Datasheet HTML 3Page - White Electronic Designs Corporation W3HG2128M72ACERXXXAD6SG Datasheet HTML 4Page - White Electronic Designs Corporation W3HG2128M72ACERXXXAD6SG Datasheet HTML 5Page - White Electronic Designs Corporation W3HG2128M72ACERXXXAD6SG Datasheet HTML 6Page - White Electronic Designs Corporation W3HG2128M72ACERXXXAD6SG Datasheet HTML 7Page - White Electronic Designs Corporation W3HG2128M72ACERXXXAD6SG Datasheet HTML 8Page - White Electronic Designs Corporation W3HG2128M72ACERXXXAD6SG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
W3HG2128M72ACER-AD6
PRELIMINARY
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
May 2006
Rev. 5
FUNCTIONAL BLOCK DIAGRAM
A0
Serial PD
A1
A2
SA0 SA1 SA2
SCL
SDA
WP
VCCSPD
VCC/VCCQ
VREF
VSS
Serial PD
DDR2 SDRAMs
DDR2 SDRAMs
DDR2 SDRAMs
P
L
L
OE
CK0
CK0#
RESET#**
PCK0-PCK6, PCK8, PCK9
CK : DDR2 SDRAMs
PCK0#-PCK6#, PCK8#, PCK9#
CK# : DDR2 SDRAMs
PCK7
CK : Register
PCK7#
CK# : Register
VSS
RS0#
DQS0
DQS0#
CS#
DM
DQS DQS#
DQ0
DQ1
DQ2
DQ3
I/O 0
I/O 1
I/O 2
I/O 3
DQS9
DQS9#
DQ4
DQ5
DQ6
DQ7
I/O 0
I/O 1
I/O 2
I/O 3
DQS1
DQS1#
DQ8
DQ9
DQ10
DQ11
I/O 0
I/O 1
I/O 2
I/O 3
DQS10
DQS10#
DQ12
DQ13
DQ14
DQ15
I/O 0
I/O 1
I/O 2
I/O 3
DQS2
DQS2#
DQ16
DQ17
DQ18
DQ19
I/O 0
I/O 1
I/O 2
I/O 3
DQS11
DQS11#
DQ20
DQ21
DQ22
DQ23
I/O 0
I/O 1
I/O 2
I/O 3
DQS3
DQS3#
DQ24
DQ25
DQ26
DQ27
I/O 0
I/O 1
I/O 2
I/O 3
DQS12
DQS12#
DQ28
DQ29
DQ30
DQ31
I/O 0
I/O 1
I/O 2
I/O 3
DQS5
DQS5#
DQ40
DQ41
DQ42
DQ43
I/O 0
I/O 1
I/O 2
I/O 3
DQS14
DQS14#
DQ44
DQ45
DQ46
DQ47
I/O 0
I/O 1
I/O 2
I/O 3
DQS4
DQS4#
DQ32
DQ33
DQ34
DQ35
I/O 0
I/O 1
I/O 2
I/O 3
DQS13
DQS13#
DQ36
DQ37
DQ38
DQ39
I/O 0
I/O 1
I/O 2
I/O 3
DQS6
DQS6#
DQ48
DQ49
DQ50
DQ51
I/O 0
I/O 1
I/O 2
I/O 3
DQS15
DQS15#
DQ52
DQ53
DQ54
DQ55
I/O 0
I/O 1
I/O 2
I/O 3
DQS8
DQS8#
CB0
CB1
CB2
CB3
I/O 0
I/O 1
I/O 2
I/O 3
DQS17
DQS17#
CB4
CB5
CB6
CB7
I/O 0
I/O 1
I/O 2
I/O 3
DQS#7
DQS7#
DQ56
DQ57
DQ58
DQ59
I/O 0
I/O 1
I/O 2
I/O 3
DQS16
DQS16#
DQ60
DQ61
DQ62
DQ63
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
RS1#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
CS#
DM
DQS DQS#
1:2
R
E
G
I
S
T
E
R
RST#
S1#
BA0-BA1
A0-A13
RAS#
CAS#
WE#
CKE0
CKE1
RESET#
PCK7**
PCK7#**
RS1#
CS# : DDR2 SDRAMs
RBA0-RBA1
BA0-BA1 : DDR2 SDRAMs
RA0-RA13
A0-A13 : DDR2 SDRAMs
RRAS#
RAS# : DDR2 SDRAMs
RCAS#
CAS# : DDR2 SDRAMs
RWE#
WE# : DDR2 SDRAMs
RCKE0
CKE : DDR2 SDRAMs
RCKE1
CKE : DDR2 SDRAMs
ODT0
ODT1
RODT0
ODT : DDR2 SDRAMs
RODT1
ODT : DDR2 SDRAMs
S0#
RS0#
CS# : DDR2 SDRAMs
NOTE: All resistor values are 22 ohms unless otherwise specified.


Similar Part No. - W3HG2128M72ACERXXXAD6SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
W3HG264M72EER403AD7XG WEDC-W3HG264M72EER403AD7XG Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
W3HG264M72EER534AD7XG WEDC-W3HG264M72EER534AD7XG Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
W3HG264M72EER665AD7XG WEDC-W3HG264M72EER665AD7XG Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
W3HG264M72EER806AD7XG WEDC-W3HG264M72EER806AD7XG Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
More results

Similar Description - W3HG2128M72ACERXXXAD6SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG2128M72AER-D6 WEDC-WV3HG2128M72AER-D6 Datasheet
152Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG2128M72EEU-AD4 WEDC-WV3HG2128M72EEU-AD4 Datasheet
180Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED, ECC w/PLL
W3EG72255S-D3 WEDC-W3EG72255S-D3 Datasheet
247Kb / 15P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG2128M72AFSR-D3 WEDC-W3EG2128M72AFSR-D3 Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
WV3DG72256V-AD2 WEDC-WV3DG72256V-AD2 Datasheet
253Kb / 9P
   2GB - 2x128Mx72 SDRAM, REGISTERED
W3HG64M72EER-AD7 WEDC-W3HG64M72EER-AD7 Datasheet
195Kb / 14P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG2128M72EEU-D6 WEDC-WV3HG2128M72EEU-D6 Datasheet
194Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED DIMM
logo
Elpida Memory
EBE41AF4A1QB ELPIDA-EBE41AF4A1QB Datasheet
265Kb / 27P
   4GB VLP Registered DDR2 SDRAM DIMM
logo
White Electronic Design...
W3EG64255S-JD3 WEDC-W3EG64255S-JD3 Datasheet
203Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED, w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com