Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3HG128M64EEUXXXD4SG Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # W3HG128M64EEUXXXD4SG
Description  1GB - 128Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3HG128M64EEUXXXD4SG Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button W3HG128M64EEUXXXD4SG Datasheet HTML 2Page - White Electronic Designs Corporation W3HG128M64EEUXXXD4SG Datasheet HTML 3Page - White Electronic Designs Corporation W3HG128M64EEUXXXD4SG Datasheet HTML 4Page - White Electronic Designs Corporation W3HG128M64EEUXXXD4SG Datasheet HTML 5Page - White Electronic Designs Corporation W3HG128M64EEUXXXD4SG Datasheet HTML 6Page - White Electronic Designs Corporation W3HG128M64EEUXXXD4SG Datasheet HTML 7Page - White Electronic Designs Corporation W3HG128M64EEUXXXD4SG Datasheet HTML 8Page - White Electronic Designs Corporation W3HG128M64EEUXXXD4SG Datasheet HTML 9Page - White Electronic Designs Corporation W3HG128M64EEUXXXD4SG Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
W3HG128M64EEU-D4
March 2006
Rev. 0
ADVANCED
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
AC OPERATING CONDITIONS
VCC = +1.8V ±0.1V
AC Characteristics
Symbol
806
665
534
403
Units
Notes
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
Clock cycle time
CL = 6
tCK (6)
3,000 8,000
------
ps
CL = 5
tCK (5)
3,000 8,000 3,000 8,000
----
ps
16, 22,
36, 38
CL = 4
tCK (4)
3,000 8,000 3,750 8,000 3,750 8,000 5,000 8,000
ps
CL = 3
tCK (3)
-
-
5,000 8,000 5,000 8,000 5,000 8,000
ps
CK high-level width
tCHAVG
0.48
0.52
0.48
0.52
0.48
0.52
0.48
0.52
t
CK
45
CK low-level width
tCLAVG
0.48
0.52
0.48
0.52
0.48
0.52
0.48
0.52
t
CK
Half clock period
tHP
MIN
(
tCH,tCL)
MIN
(
tCH,tCL)
MIN
(
tCH,tCL)
MIN
(
tCH,tCL)
ps
46
Absolute tCk
tCKabs
t
CKAVG+
(MIN)+
t
JITPER
(MIN)
t
CKAVG+
(MAX)+
t
JITPER
(MAX)
t
CKAVG+
(MIN)+
t
JITPER
(MIN)
t
CKAVG+
(MAX)+
t
JITPER
(MAX)
t
CKAVG+
(MIN)+
t
JITPER
(MIN)
t
CKAVG+
(MAX)+
t
JITPER
(MAX)
t
CKAVG+
(MIN)+
t
JITPER
(MIN)
t
CKAVG+
(MAX)+
t
JITPER
(MAX)
ps
Absolute CK high-level width
tCHabs
t
CKAVG
(MIN)*
t
CH
AVG+
t
JIT
DTY(MIN)
t
CKAVG
(MAX)*
t
CH
AVG+
t
JIT
DTY(MAX)
t
CKAVG
(MIN)*
t
CH
AVG+
t
JIT
DTY(MIN)
t
CKAVG
(MAX)*
t
CH
AVG+
t
JIT
DTY(MAX)
t
CKAVG
(MIN)*
t
CH
AVG+
t
JIT
DTY(MIN)
t
CKAVG
(MAX)*
t
CH
AVG+
t
JIT
DTY(MAX)
t
CKAVG
(MIN)*
t
CH
AVG+
t
JIT
DTY(MIN)
t
CKAVG
(MAX)*
t
CH
AVG+
t
JIT
DTY(MAX)
ps
Absolute CK low-level width
tCLabs
t
CKAVG
(MIN)*
t
CLAVG
(MIN)+
t
JIT
DTY(MIN)
t
CKAVG
(MAX)*
t
CLAVG
(MAX)+
t
JIT
DTY(MIN)
t
CKAVG
(MIN)*
t
CLAVG
(MIN)+
t
JIT
DTY(MIN)
t
CKAVG
(MAX)*
t
CLAVG
(MAX)+
t
JIT
DTY(MIN)
t
CKAVG
(MIN)*
t
CLAVG
(MIN)+
t
JIT
DTY(MIN)
t
CKAVG
(MAX)*
t
CLAVG
(MAX)+
t
JIT
DTY(MIN)
t
CKAVG
(MIN)*
t
CLAVG
(MIN)+
t
JIT
DTY(MIN)
t
CKAVG
(MAX)*
t
CLAVG
(MAX)+
t
JIT
DTY(MIN)
ps
Clock jitter - period
tJITPER
-125
125
-125
125
-125
125
-125
125
ps
39
Clock jitter - half period
tJITDUTY
-125
125
-125
125
-125
125
-150
150
ps
40
Clock jitter - cycle to cycle
tJITCC
250
250
250
250
ps
41
Cumulative jitter error, 2 cycles
tERR2per
-175
175
-175
175
-175
175
-175
175
ps
42
Cumulative jitter error, 3 cycles
tERR3per
-225
225
-225
225
-225
225
-225
225
ps
42
Cumulative jitter error, 4 cycles
tERR4per
-250
250
-250
250
-250
250
-250
250
ps
42
Cumulative jitter error, 5cycles
tERR5per
-250
250
-250
250
-250
250
-250
250
ps
42, 48
Cumulative jitter error, 6-10 cycles
tERR6-10per -350
350
-350
350
-350
350
-350
350
ps
42, 48
Cumulative jitter error, 11-50 cycles
tERR11-50per -450
450
-450
450
-450
450
-450
450
ps
42
Note:
• AC specification is based on MICRON components. Other DRAM manufactures specification may be different.


Similar Part No. - W3HG128M64EEUXXXD4SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3HG2128M72ACER-AD6 WEDC-W3HG2128M72ACER-AD6 Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3HG2128M72ACER403AD6XG WEDC-W3HG2128M72ACER403AD6XG Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3HG2128M72ACER534AD6XG WEDC-W3HG2128M72ACER534AD6XG Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3HG2128M72ACER665AD6XG WEDC-W3HG2128M72ACER665AD6XG Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3HG2128M72ACER806AD6XG WEDC-W3HG2128M72ACER806AD6XG Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
More results

Similar Description - W3HG128M64EEUXXXD4SG

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11UD8AHWA ELPIDA-EBE11UD8AHWA Datasheet
213Kb / 28P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8ACFA ELPIDA-EBE10UE8ACFA Datasheet
242Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8AFSA ELPIDA-EBE10UE8AFSA Datasheet
264Kb / 29P
   1GB DDR2 SDRAM SO-DIMM
EBE11UD8AGUA ELPIDA-EBE11UD8AGUA Datasheet
202Kb / 24P
   1GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN01G64D1BG1MT-2A[W]R ETC2-SEN01G64D1BG1MT-2A[W]R Datasheet
680Kb / 14P
   1GB DDR2 . SDRAM SO-DIMM
logo
Elpida Memory
EBE10UE8AEWA ELPIDA-EBE10UE8AEWA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11UD8AHFA ELPIDA-EBE11UD8AHFA Datasheet
188Kb / 23P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8ACWB ELPIDA-EBE10UE8ACWB Datasheet
239Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com