Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3H64M72EERXXXAD7MG Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # W3H64M72EERXXXAD7MG
Description  512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3H64M72EERXXXAD7MG Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  W3H64M72EERXXXAD7MG Datasheet HTML 1Page - White Electronic Designs Corporation W3H64M72EERXXXAD7MG Datasheet HTML 2Page - White Electronic Designs Corporation W3H64M72EERXXXAD7MG Datasheet HTML 3Page - White Electronic Designs Corporation W3H64M72EERXXXAD7MG Datasheet HTML 4Page - White Electronic Designs Corporation W3H64M72EERXXXAD7MG Datasheet HTML 5Page - White Electronic Designs Corporation W3H64M72EERXXXAD7MG Datasheet HTML 6Page - White Electronic Designs Corporation W3H64M72EERXXXAD7MG Datasheet HTML 7Page - White Electronic Designs Corporation W3H64M72EERXXXAD7MG Datasheet HTML 8Page - White Electronic Designs Corporation W3H64M72EERXXXAD7MG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
W3HG64M72EER-AD7
December 2005
Rev. 1
ADVANCED
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
FUNCTIONAL BLOCK DIAGRAM
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DM/
RDQS
RS0#
DQS0
DQS0#
DM0
CS# DQS DQS#
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
DM/
RDQS
DQS4
DQS4#
DM4
CS# DQS DQS#
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DM/
RDQS
DQS1
DQS1#
DM1
CS# DQS DQS#
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
DM/
RDQS
DQS5
DQS5#
DM5
CS# DQS DQS#
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DM/
RDQS
DQS2
DQS2#
DM2
CS# DQS DQS#
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DM/
RDQS
DQS6
DQS6#
DM6
CS# DQS DQS#
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DM/
RDQS
DQS3
DQS3#
DM3
CS# DQS DQS#
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
DM/
RDQS
DQS7
DQS7#
DM7
CS# DQS DQS#
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
CB0
CB1
CB2
CB3
CB4
CB5
CB6
CB7
DM/
RDQS
DQS8
DQS8#
DM8
CS# DQS DQS#
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
A0
Serial PD
A1
A2
SA0 SA1 SA2
SCL
SDA
WP
VCCSPD
VCC/VCCQ
VREF
VSS
Serial PD
DDR SDRAMs
DDR SDRAMs
DDR SDRAMs
P
L
L
OE
CK0
CK0#
RESET#
DDR2 SDRAM
DDR2 SDRAM
DDR2 SDRAM
DDR2 SDRAM
DDR2 SDRAM
DDR2 SDRAM
DDR2 SDRAM
DDR2 SDRAM
DDR2 SDRAM
Register
R
E
G
I
S
T
E
R
RST#
S0#
BA0 - BA1
A0 - A13
RAS#
CAS#
WE#
CKE0
ODT0
RESET#
CK
CK#
RS0#
S0# DDR2 SDRAMs
RBA0 - RBA1
BA0 - BA1 DDR2 SDRAMs
RA0 - RA13
A0 - A13 DDR2 SDRAMs
RRAS#
RAS# DDR2 SDRAMs
RCAS#
RCAS# DDR2 SDRAMs
RWE#
WE# DDR2 SDRAMs
RCKE0
CKE0 DDR2 SDRAMs
RODT0
ODT0 DDR2 SDRAMs
NOTE: All resistor values are 22 ohms ±5% unless otherwise specified.


Similar Part No. - W3H64M72EERXXXAD7MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3H64M72E-400ES WEDC-W3H64M72E-400ES Datasheet
941Kb / 30P
   64M x 72 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H64M72E-400ESC WEDC-W3H64M72E-400ESC Datasheet
941Kb / 30P
   64M x 72 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H64M72E-400ESI WEDC-W3H64M72E-400ESI Datasheet
941Kb / 30P
   64M x 72 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H64M72E-400ESM WEDC-W3H64M72E-400ESM Datasheet
941Kb / 30P
   64M x 72 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H64M72E-400SB WEDC-W3H64M72E-400SB Datasheet
941Kb / 30P
   64M x 72 DDR2 SDRAM 208 PBGA Multi-Chip Package
More results

Similar Description - W3H64M72EERXXXAD7MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG64M72EER-D7 WEDC-WV3HG64M72EER-D7 Datasheet
181Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG64M72EER-D6 WEDC-WV3HG64M72EER-D6 Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG64M72AER-AD6 WEDC-WV3HG64M72AER-AD6 Datasheet
161Kb / 10P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG64M72EEU-PD4 WEDC-WV3HG64M72EEU-PD4 Datasheet
150Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM, UNBUFFERED SO-DIMM, w/PLL
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7263S-D3 WEDC-W3EG7263S-D3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
W3HG2128M72ACER-AD6 WEDC-W3HG2128M72ACER-AD6 Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
logo
Elpida Memory
EBE41AF4A1QB ELPIDA-EBE41AF4A1QB Datasheet
265Kb / 27P
   4GB VLP Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com