Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6H-2F Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G6H-2F
Description  Low Profile, Miniature, Surface Mount Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6H-2F Datasheet(HTML) 2 Page - Omron Electronics LLC

  G6H-2F Datasheet HTML 1Page - Omron Electronics LLC G6H-2F Datasheet HTML 2Page - Omron Electronics LLC G6H-2F Datasheet HTML 3Page - Omron Electronics LLC G6H-2F Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Note:
P level:
λ
60 = 0.1 x 10
-6/operation
Characteristics
Contact resistance
60 m
Ω max.
Operate (set) time
3 ms max. (mean value: approx. 2 ms)
Release (reset) time
2 ms max. (mean value: approx. 1 ms)
Bounce time
Operate: 0.5 ms max.
Release: 0.5 ms max.
Max. operating frequency
Mechanical: 36,000 operations/hr
Electrical:
1,800 operations/hr (under rated load)
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric withstand voltage
1,000 VAC, 50/60 Hz for 1 min between coil and contacts
1,000 VAC, 50/60 Hz for 1 min between contacts of different polarity
750 VAC, 50/60 Hz for 1 min between contacts of same polarity
Impulse withstand voltage
1,500 V 10 x 160
µs between contacts of same polarity (conforms to FCC Part 68)
Vibration resistance
Destruction: 10 to 55 Hz, 5-mm double amplitude
Malfunction: 10 to 55 Hz, 3-mm double amplitude
Shock resistance
Destruction: 1,000 m/s2 (approx. 100G)
Malfunction: 500 m/s2 (approx. 50G)
Life expectancy
Mechanical: 100,000,000 operations min. (at 36,000 operations/hr)
Electrical:
200,000 operations min. (0.1 A at 110 VAC inductive load)
Ambient temperature
Operating: –40
_C to 85_C (with no icing)
Ambient humidity
Operating: 35% to 85%
Weight
Approx. 1.5 g
Note:
The data shown above are initial values.
Approved by Standards
UL114, UL478 (File No. E41515)/CSA C22.2 No. 0, No. 14 (File No. LR24825)
Model
Contac tform
Contac tform
Contact form
G6H–2F
DPDT
3 to 48 VDC
1A, 30 VDC
0.3A, 100 VDC
0.5A, 125 VDC
Engineering Data
Max. Switching Capacity
Life Expectancy
Switching voltage (V)
Switching current (A)
AC resistive load
DC resistive load
30-VDC resistive load
125-VAC resistive load
10,000
7,000
5,000
3,000
1,000
700
500
300
100
Dimensions
0.3
2.54
1
2.94
2
9.56
14
9
0.25
7.62
11.5
5.2
6.5
14
0.2
2.54
0.5
Note: Orientation marks are as follows:
Glue Pads


Similar Part No. - G6H-2F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6H-2F OMRON-G6H-2F Datasheet
249Kb / 8P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2F OMRON-G6H-2F Datasheet
526Kb / 10P
   Low Signal Relay
G6H-2F OMRON-G6H-2F Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2F-U12VDC OMRON-G6H-2F-U12VDC Datasheet
249Kb / 8P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2F-U24VDC OMRON-G6H-2F-U24VDC Datasheet
249Kb / 8P
   Ultra-compact, Ultra-sensitive DPDT Relay
More results

Similar Description - G6H-2F

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
   miniature low profile Surface Mount
29/07/2006
logo
Panasonic Battery Group
TQ-SMD PANASONICBATTERY-TQ-SMD Datasheet
141Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
logo
Nais(Matsushita Electri...
TQ-SMD NAIS-TQ-SMD Datasheet
107Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
logo
List of Unclassifed Man...
ACT9200 ETC-ACT9200 Datasheet
204Kb / 1P
   MINIATURE LOW PROFILE SURFACE MOUNT PACKAGE
HM66 ETC-HM66 Datasheet
81Kb / 8P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
STATEK CORPORATION
CX3SM STATEK-CX3SM_08 Datasheet
121Kb / 2P
   Low Profile Miniature Surface Mount Quartz Crystal
CXOM STATEK-CXOM Datasheet
230Kb / 2P
   Low Profile Miniature Surface Mount Crystal Oscillator
logo
TT Electronics.
HA66 TTELEC-HA66 Datasheet
373Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
STATEK CORPORATION
CXO STATEK-CXO Datasheet
89Kb / 2P
   Low Profile Miniature Surface Mount Crystal Oscillator
logo
TT Electronics.
HM66 TTELEC-HM66 Datasheet
720Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com