Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FU-318SPP-W2M0 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # FU-318SPP-W2M0
Description  PD-TIA MODULE FOR LONG WAVELENGTH BAND
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FU-318SPP-W2M0 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  FU-318SPP-W2M0 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FU-318SPP-W2M0 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FU-318SPP-W2M0 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FU-318SPP-W2M0 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FU-318SPP-W2M0 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor FU-318SPP-W2M0 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
WZ700064B
(1/6)
Mitsubishi Electric Corporation reserves the right to make changes to the products or information contained herein
without notice. No liability is assumed as a result of their use or application.
MITSUBISHI (OPTICAL DEVICES)
FU-319SPP-x6M2x
PD-TIA MODULE FOR LONG WAVELENGTH BAND
DESCRIPTION
FU-319SPP-x6M2x is InGaAs pin photodiode module
with SiGe preamplifier, designed for use in high-speed,
long haul optical communication systems.
The coaxial package contains an InGaAs pin photodiode
coupled with single-mode fiber pigtail and SiGe
preamplifier.
FEATURES
High-sensitivity (-23dBm typ)
5pin coaxial package
Built-in +3.3V TIA
Differential output (50
Ω)
APPLICATION
2.5Gbps.optical receiver (OC-48, STM-16)
Extended reach datacom and telecom applications
Long haul optical communication systems
FEC rate systems
ABSOLUTE MAXIMUM RATINGS
(Tc=25
°C)
Parameter
Symbol
Rating
Unit
PD Reverse voltage
VPD
20
V
PD Reverse current (CW)
Ir
4
mA
PD Forward current (CW)
If
2
mA
Power supply voltage
VCC
-0.5~6
V
Operating case temperature
Tc
-40~+85
°C
Storage temperature
Tstg
-40~+85
°C


Similar Part No. - FU-318SPP-W2M0

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-318SAP-M6 MITSUBISHI-FU-318SAP-M6 Datasheet
40Kb / 3P
   InGaAs APD MODULE FOR LONG WAVELENGTH BAND
FU-318SAP-V2M1 MITSUBISHI-FU-318SAP-V2M1 Datasheet
109Kb / 6P
   APD MODULE FOR LONG WAVELENGTH BAND
FU-318SAP-V2M2 MITSUBISHI-FU-318SAP-V2M2 Datasheet
109Kb / 6P
   APD MODULE FOR LONG WAVELENGTH BAND
FU-318SAP-V2M3 MITSUBISHI-FU-318SAP-V2M3 Datasheet
109Kb / 6P
   APD MODULE FOR LONG WAVELENGTH BAND
FU-318SAP-VM6 MITSUBISHI-FU-318SAP-VM6 Datasheet
100Kb / 3P
   APD MODULE FOR LONG WAVELENGTH BAND
More results

Similar Description - FU-318SPP-W2M0

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-39SPD-X2MX MITSUBISHI-FU-39SPD-X2MX Datasheet
100Kb / 5P
   PD MODULE FOR LONG WAVELENGTH BAND
FU-39PD MITSUBISHI-FU-39PD Datasheet
37Kb / 2P
   PD MODULE FOR LONG WAVELENGTH BAND
FU-112PD-M1 MITSUBISHI-FU-112PD-M1 Datasheet
41Kb / 2P
   PD MODULE FOR LONG WAVELENGTH BAND
FU-15PD-M1 MITSUBISHI-FU-15PD-M1 Datasheet
64Kb / 2P
   PD MODULE FOR LONG WAVELENGTH BAND
FU-319SPA-X6M2X MITSUBISHI-FU-319SPA-X6M2X Datasheet
99Kb / 6P
   APD-TIA MODULE FOR LONG WAVELENGTH BAND
FU-39PD MITSUBISHI-FU-39PD_1 Datasheet
75Kb / 3P
   PIN-PD MODULE FOR LONG WAVELENGTH BAND
FU-318AP-VM6 MITSUBISHI-FU-318AP-VM6 Datasheet
100Kb / 3P
   APD MODULE FOR LONG WAVELENGTH BAND
FU-318SAP-X2MX MITSUBISHI-FU-318SAP-X2MX Datasheet
109Kb / 6P
   APD MODULE FOR LONG WAVELENGTH BAND
FU-318AP-M6 MITSUBISHI-FU-318AP-M6 Datasheet
40Kb / 3P
   InGaAs APD MODULE FOR LONG WAVELENGTH BAND
logo
Hamamatsu Corporation
S8890 HAMAMATSU-S8890 Datasheet
142Kb / 3P
   Long wavelength type APD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com