Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HG4520 Datasheet(PDF) 1 Page - DB Lectro Inc

Part No. HG4520
Description  Automotive Ultraminiature PCB Power Relay
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DBLECTRO [DB Lectro Inc]
Homepage  http://www.dblectro.com
Logo 

HG4520 Datasheet(HTML) 1 Page - DB Lectro Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Automotive Ultraminiature PCB Power Relay
HG4520
HG4520
1/2
FEATURES
CONTACT DATA
COIL DATA
TYPICAL AUTOMOTIVE APPLICATIONS
Ultra-miniaturized design, extremely light weight
Motor control
Lamp control
Intermittent wiper
Rear window and seat heating
30A maximum continuous current
Form
Make
1 Form A (H), 1 Form C (Z)
100A
30A
AgSnOInO
100 m
Ω max. at 0.1A, 6VDC
16VDC
NC25A / NO30A
0.5A, 12VDC
107 ops.
105 ops.
Break
Mechanical
Electrical
Max. Switching Current
Material
Initial Contact Resistance
Max. Switching Voltage
Max. Continuous Current
Min. Load
Service Life
Coil Voltage
Code
Resistance (
Ω) ±10%
Power Consumption
Allowable Voltage
(VDC)
Nominal
Voltage
(VDC)
Must Operate
Voltage max.
(VDC)
Must Release
Voltage min.
(VDC)
006
010
012
024
6
10
12
24
64
181
0.55W
254
1000
3.5
5.7
6.9
14.0
13.6
22.7
27.2
54.4
0.75
1.25
1.5
3.0
CHARACTERISTICS
Operate Time
Release Time
Insulation Resistance
Dielectric Strength
Shock Resistance
Vibration Resistance
Drop Resistance
Power Consumption
Ambient Temperature
Weight
3 ms. typical
1.5 ms. typical
100 M
Ω, at 500 VDC, 50%RH
500 Vrms, 1 min.
30 g, 6ms.
0.55W, approx.
4 g, approx.
-40ºC to 105ºC operating; -40ºC to 155ºC storage
6g,10-500 Hz
1 M height drop on concrete
ORDERING DESIGNATION
Example:
HG4520 /
012 -
H
1
S
Model
Coil Voltage Code
Contact Form
Version
Contact Material
H: 1 Form A; Z: 1 Form C
1: Sealed
A: AgNi0.15; S: AgSnOInO


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn