Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRH145-250U Datasheet(PDF) 1 Page - DB Lectro Inc

Part # FRH145-250U
Description  Radial Leaded PTC FRH Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

FRH145-250U Datasheet(HTML) 1 Page - DB Lectro Inc

  FRH145-250U Datasheet HTML 1Page - DB Lectro Inc FRH145-250U Datasheet HTML 2Page - DB Lectro Inc FRH145-250U Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Electrical Characteristics(23
)
Resistance Tolerance
Hold
Current
Maximum
Current
Max Oper.
Voltage
Max Int.
Voltage
RMIN
R1MAX
Part
Number
IH,AIMAX, A
Vo-MAX, Vdc
VI-MAX,V
ΩΩ
FRH080-250U
0.08
3.0
60
250
14.0
33.0
FRH080-250
0.08
3.0
60
250
14.0
33.0
FRH110-250U
0.11
3.0
60
250
5.0
16.0
FRH110-250
0.11
3.0
60
250
5.0
16.0
FRH120-250U
0.12
3.0
60
250
6.0
16.0
FRH120-250
0.12
3.0
60
250
4.0
16.0
FRH145-250U
0.15
3.0
60
250
3.5
12.0
FRH145-250
0.15
3.0
60
250
3.0
12.0
FRH180-250U
0.18
10.0
60
250
0.8
4.0
FRH180-250
0.18
10.0
60
250
0.8
4.0
FRH150-600
0.15
3.0
60
600
6.0
22.0
FRH160-600
0.16
3.0
60
600
4.0
18.0
IH=Hold current-maximum current at which the device will not trip at 23
still air.
IT=Trip current-minimum current at which the device will always trip at 23
still air.
V MAX=Maximum voltage device can withstand without damage at its rated current.
I MAX= Maximum fault current device can withstand without damage at rated voltage (V max).
Pd=Typical power dissipated from device when in the tripped state in 23
still air environment.
RMIN=Minimum device resistance at 23 .
R1MAX=Maximum device resistance at 23
, 1 hour after tripping .
Physical specifications:
Lead material: FRH080~FRH110 Tin plated copper,22 AWG.
FRH120~FRH180 Tin plated copper,20 AWG.
Soldering characteristics:MIL-STD-202, Method 208E.
Insulating coating:Flame retardant epoxy ,meet UL-94V-O requirement.
Application:
Telecommunication and Data transmitting
Product Features:
Low hold current, Solid state
Radial-leaded product ideal for up to 60V/600V
Operation Current: 0.08 A~0.18A
Maximum Voltage: 60V/250V/600V
Temperature Range: -40
to 85
Agency Approvals: UL, C-UL
TUV pending
Radial Leaded PTC FRH Series
FUZETEC
DB LECTRO Inc., 3600-I, boulevard Matte, Brossard, QC J4Y 2Z2


Similar Part No. - FRH145-250U

ManufacturerPart #DatasheetDescription
logo
RFE international
FRH145-250UF RFE-FRH145-250UF Datasheet
122Kb / 2P
   Radial Leaded PPTC FRH Series
More results

Similar Description - FRH145-250U

ManufacturerPart #DatasheetDescription
logo
RFE international
FRH080-250UF RFE-FRH080-250UF Datasheet
122Kb / 2P
   Radial Leaded PPTC FRH Series
logo
Bel Fuse Inc.
0ZRB BEL-0ZRB_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRM BEL-0ZRM Datasheet
211Kb / 2P
   Radial Leaded PTC
logo
Littelfuse
30R LITTELFUSE-30R Datasheet
116Kb / 2P
   Radial Leaded PTC
logo
Bel Fuse Inc.
0ZRE BEL-0ZRE Datasheet
316Kb / 2P
   Radial Leaded PTC
0ZRA BEL-0ZRA_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRE BEL-0ZRE_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRK BEL-0ZRK Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF Datasheet
323Kb / 2P
   Radial Leaded PTC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com