Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRH120-250 Datasheet(PDF) 3 Page - DB Lectro Inc

Part # FRH120-250
Description  Radial Leaded PTC FRH Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

FRH120-250 Datasheet(HTML) 3 Page - DB Lectro Inc

  FRH120-250 Datasheet HTML 1Page - DB Lectro Inc FRH120-250 Datasheet HTML 2Page - DB Lectro Inc FRH120-250 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
0.01
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
Fault current (A)
G
F
E
D
C
B
A
Typical Time-To-Trip at 23
Part Numbering System
Part Marking System
F R H
U
Unencapsulated part
Maximum interrupt
Voltage rating
Current rating
Example
Standard Package
P/N
Pcs /Bag
Reel/Tape
P/N
Pcs /Bag
Reel/Tape
FRH080-250U
300
1.5K
FRH145-250U
300
1.5K
FRH080-250
300
1.5K
FRH145-250
300
1.5K
FRH110-250U
300
1.5K
FRH180-250U
200
1.5K
FRH110-250
300
1.5K
FRH180-250
200
1.5K
FRH120-250U
300
1.5K
FRH150-600
100
600
FRH120-250
300
1.5K
FRH160-600
100
600
A=FRH080(U) -250
B=FRH110(U) -250
C=FRH120(U) -250
D=FRH145(U) -250
E=FRH180(U) -250
F=FRH150-600
G=FRH160-600
F
Fuzetec Logo
RH
Part Identification
Product Family
Date Code/Lot Number
F
RH110
09AB
Radial Leaded PTC FRH Series
FUZETEC
DB LECTRO Inc., 3600-I, boulevard Matte, Brossard, QC J4Y 2Z2


Similar Part No. - FRH120-250

ManufacturerPart #DatasheetDescription
logo
RFE international
FRH120-250F RFE-FRH120-250F Datasheet
122Kb / 2P
   Radial Leaded PPTC FRH Series
FRH120-250UF RFE-FRH120-250UF Datasheet
122Kb / 2P
   Radial Leaded PPTC FRH Series
logo
Fuzetec Technology Co.,...
FRH120-250VF FUZETEC-FRH120-250VF Datasheet
152Kb / 4P
   Radial Leaded PTC Resettable Fuse : FRHV Series
logo
RFE international
FRH120-250VF RFE-FRH120-250VF Datasheet
290Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/04/07
More results

Similar Description - FRH120-250

ManufacturerPart #DatasheetDescription
logo
RFE international
FRH080-250UF RFE-FRH080-250UF Datasheet
122Kb / 2P
   Radial Leaded PPTC FRH Series
logo
Bel Fuse Inc.
0ZRB BEL-0ZRB_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRM BEL-0ZRM Datasheet
211Kb / 2P
   Radial Leaded PTC
logo
Littelfuse
30R LITTELFUSE-30R Datasheet
116Kb / 2P
   Radial Leaded PTC
logo
Bel Fuse Inc.
0ZRE BEL-0ZRE Datasheet
316Kb / 2P
   Radial Leaded PTC
0ZRA BEL-0ZRA_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRE BEL-0ZRE_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRK BEL-0ZRK Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF Datasheet
323Kb / 2P
   Radial Leaded PTC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com