Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER-4H-R2-2-CQ-A5 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # ER-4H-R2-2-CQ-A5
Description  Sealed Sub-Miniature Rocker Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

ER-4H-R2-2-CQ-A5 Datasheet(HTML) 2 Page - DB Lectro Inc

  ER-4H-R2-2-CQ-A5 Datasheet HTML 1Page - DB Lectro Inc ER-4H-R2-2-CQ-A5 Datasheet HTML 2Page - DB Lectro Inc ER-4H-R2-2-CQ-A5 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
.389
(10.11)
(0.76)
.030 TYP.
.200 TYP.
(5.08)
Other Choice
POS.2
POS.1
.471
(11.96)
(0.38)
.015
.300
(7.62)
POS.3
2
5
(8.13)
.020 TYP.
(2.54)
(0.51)
.100 TYP.
(5.08)
4
.200
5
6
(13.46)
.530
4
1
EPOXY SEAL
.320
6
3
.030 TYP.
.200
(5.08)
POS.1
.300
(7.62)
.670
.783
(19.89)
(17.02)
POS.2
POS.3
25 °
1
4
(3.30)
.130
4
.100 TYP
(2.54)
(.076)
TERM.
WIDTH
EPOXY SEAL
(0.51)
.020 TYP.
6
5
.360
.320
(8.13)
6
5
3
2
(9.14)
.783
(3.30)
(19.89)
POS.3
POS.2
POS.1
.300
(7.62)
.670
(17.02)
25 °
.020x.030 TYP.
3
.100 TYP
(2.54)
.130
1
2
(0.51)
EPOXY SEAL
(0.76)
.320
.200
(5.08)
(8.13)
2
1
3
(5.08)
.471
.015 TYP.
(11.96)
(5.84)
.230
.030 TYP.
.200
(0.76)
straight type
(0.38)
(0.76)
.030X.020 TYP.
.200
(5.08)
(0.51)
EPOXY SEAL
(0.51)
.020
.200
(5.08)
2
1
3
(8.13)
.320
(5.08)
(5.08)
(11.96)
.471
.100
.200
(5.08)
(2.54)
.020 TYP.
.300
(7.62)
.030 TYP.
.200
(0.76)
.015 TYP.
(0.38)
.020
(0.51)
(0.76)
.030 TYP.
EPOXY SEAL
.200
1 2 3
.320
5
(8.13)
4
6
(0.51)
.360
(9.14)
straight type
1
.030
(0.76)
straight type
POS.1
.471
(11.96)
.015
(0.38)
.030X.020 TYP.
(0.76)
(0.51)
(2.54)
.100 TYP.
(5.08)
1
.200
2
3
.530
(13.46)
.300
(7.62)
POS.2
POS.3
EPOXY SEAL
(5.08)
(8.13)
.320
.200
2
3
ES40-R
Sealed Sub-Miniature Rocker Switches
SPDT
DPDT
SPDT
DPDT
DPDT
SPDT
Model
No.
Switching position
Term. Comm.
ER-4H
ER-4B
ER-4A
ER-4
ON
ON
ON
(ON)
ON
ON
ON
(ON)
(ON)
(ON)
none
OFF
None
OFF
OFF
2-3
2-1
open
ER-4I
Term. Comm.
Model
No.
Switching position
ER-5H
ER-5B
ER-5A
ER-5
ON
ON
ON
(ON)
ON
ON
ON
(ON)
(ON)
(ON)
none
OFF
None
OFF
OFF
2-3,5-6
2-1,5-4
open
ER-5I
Term. Comm.
Model
No.
Switching position
ER-6H
ER-6B
ER-6A
ER-6
ON
ON
ON
(ON)
ON
ON
ON
(ON)
(ON)
(ON)
none
OFF
None
OFF
OFF
2-3
2-1
open
ER-6I
Term. Comm.
Model
No.
Switching position
ER-7H
ER-7B
ER-7A
ER-7
ON
ON
ON
(ON)
ON
ON
ON
(ON)
(ON)
(ON)
none
OFF
None
OFF
OFF
2-3,5-6
2-1,5-4
open
ER-7I
Term. Comm.
Model
No.
Switching position
ER-8H
ER-8B
ER-8A
ER-8
ON
ON
ON
(ON)
ON
ON
ON
(ON)
(ON)
(ON)
none
OFF
None
OFF
OFF
2-3
2-1
open
ER-8I
Term. Comm.
Model
No.
Switching position
ER-9H
ER-9B
ER-9A
ER-9
ON
ON
ON
(ON)
ON
ON
ON
(ON)
(ON)
(ON)
none
OFF
None
OFF
OFF
2-3,5-6
2-1,5-4
open
ER-9I
ER-4 - R1-2-CR
ER-5- R1-2-CR
ER-6 - R2-2-R-S / ER-6-R2-2-R
ER-7- R1-2-R-S / ER-7-R1-2-R
ER-8 - R1-2-R-S / ER-8-R1-2-R
ER-9- R1-2-R-S / ER-9-R1-2-R
1
2
3
Comm
1
2
3
Comm
1
2
3
Comm
1
2
3
Comm
4
5
6
Comm
1
2
3
Comm
4
5
6
Comm
1
2
3
Comm
4
5
6
Comm
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714
DB LECTRO Inc.


Similar Part No. - ER-4H-R2-2-CQ-A5

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
ER-12LF PROTECHSYSTEMS-ER-12LF Datasheet
1Mb / 8P
   MIPS base Motherboard/RMI CPU
logo
Bud Industries, Inc.
ER-16502 BUD-ER-16502 Datasheet
104Kb / 1P
   ECONOMIZER CABINET RACK
ER-16503 BUD-ER-16503 Datasheet
104Kb / 1P
   ECONOMIZER CABINET RACK
ER-16504 BUD-ER-16504 Datasheet
104Kb / 1P
   ECONOMIZER CABINET RACK
ER-16505 BUD-ER-16505 Datasheet
104Kb / 1P
   ECONOMIZER CABINET RACK
More results

Similar Description - ER-4H-R2-2-CQ-A5

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
47DWMSP1R2M6RT GRAYHILL-47DWMSP1R2M6RT Datasheet
146Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
GREATECS
RK16 GREATECS-RK16 Datasheet
328Kb / 2P
   Sealed Sub-Miniature Rocker Switches
RK17 GREATECS-RK17 Datasheet
990Kb / 2P
   Sealed Sub-Miniature SMT Rocker Switches SPDT
RK14 GREATECS-RK14 Datasheet
526Kb / 4P
   Sealed Miniature Rocker & Paddle Switches
logo
Grayhill, Inc
47CMSP1R2M6RT GRAYHILL-47CMSP1R2M6RT Datasheet
142Kb / 3P
   Sub-Miniature Rocker Switches
logo
GREATECS
RK15 GREATECS-RK15 Datasheet
349Kb / 2P
   Sub-Miniature Rocker Switches
logo
E-SWITCH
400 E-SWITCH-400 Datasheet
699Kb / 5P
   ROCKER SWITCHES - SUB-MINIATURE
400A E-SWITCH-400A Datasheet
485Kb / 5P
   ROCKER SWITCHES - SUB-MINIATURE
logo
CW Industries
GRB244D8SERIES CWIND-GRB244D8SERIES Datasheet
149Kb / 2P
   GRB Series Miniature Sealed Rocker Switches
GRB112A8SERIES CWIND-GRB112A8SERIES Datasheet
150Kb / 2P
   GRB Series Miniature Sealed Rocker Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com