Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC1G00 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC1G00
Description  2-input NAND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC1G00 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC1G00 Datasheet HTML 4Page - NXP Semiconductors 74HC1G00 Datasheet HTML 5Page - NXP Semiconductors 74HC1G00 Datasheet HTML 6Page - NXP Semiconductors 74HC1G00 Datasheet HTML 7Page - NXP Semiconductors 74HC1G00 Datasheet HTML 8Page - NXP Semiconductors 74HC1G00 Datasheet HTML 9Page - NXP Semiconductors 74HC1G00 Datasheet HTML 10Page - NXP Semiconductors 74HC1G00 Datasheet HTML 11Page - NXP Semiconductors 74HC1G00 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2002 May 15
8
Philips Semiconductors
Product specification
2-input NAND gate
74HC1G00; 74HCT1G00
AC WAVEFORMS
Fig.5
The input (A and B) to output (Y)
propagation delays.
For HC1G: VM = 50%; VI = GND to VCC.
For HCT1G: VM = 1.3 V; VI = GND to 3.0 V.
handbook, halfpage
MNA100
A, B input
Y output
tPHL
tPLH
VM
VM
Fig.6 Load circuitry for switching times.
handbook, halfpage
VCC
VI
VO
MNA101
D.U.T.
CL
RT
PULSE
GENERATOR
Definitions for test circuit:
CL = Load capacitance including jig and probe capacitance (see
“AC characteristics”).
RT = Termination resistance should be equal to the output
impedance Zo of the pulse generator.


Similar Part No. - 74HC1G00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G00 NXP-74HC1G00 Datasheet
75Kb / 10P
   2-input NAND gate
Rev. 04-11 July 2007
logo
Nexperia B.V. All right...
74HC1G00 NEXPERIA-74HC1G00 Datasheet
206Kb / 10P
   2-input NAND gate
Rev. 6 - 21 January 2022
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
677Kb / 12P
   2-input NAND gate
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
205Kb / 10P
   2-input NAND gate
Rev. 2 - 21 January 2022
logo
NXP Semiconductors
74HC1G00GV NXP-74HC1G00GV Datasheet
75Kb / 10P
   2-input NAND gate
Rev. 04-11 July 2007
More results

Similar Description - 74HC1G00

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ00AFE TOSHIBA-TC7SZ00AFE Datasheet
150Kb / 4P
   2 INPUT NAND GATE
TC4S11F TOSHIBA-TC4S11F Datasheet
166Kb / 4P
   2 INPUT NAND GATE
TC7SET00F TOSHIBA-TC7SET00F Datasheet
165Kb / 5P
   2-INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
   2-input NAND gate
2002 May 27
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
   2-input NAND Gate
logo
NXP Semiconductors
74AHC1G00 NXP-74AHC1G00 Datasheet
77Kb / 11P
   2-input NAND gate
Rev. 06-30 May 2007
logo
Unisonic Technologies
U74HC2G00 UTC-U74HC2G00 Datasheet
129Kb / 5P
   2-INPUT NAND GATE
logo
Renesas Technology Corp
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
   2-input NAND Gate
logo
Minilogic Device Corpor...
ML74UL00 MINILOGIC-ML74UL00 Datasheet
122Kb / 3P
   2-input NAND Gate
logo
Nexperia B.V. All right...
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
677Kb / 12P
   2-input NAND gate
74HC1G00 NEXPERIA-74HC1G00 Datasheet
206Kb / 10P
   2-input NAND gate
Rev. 6 - 21 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com