Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CA42106M025AA Datasheet(PDF) 2 Page - DB Lectro Inc

Part No. CA42106M025AA
Description  CA42 Dipped Tantalum Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DBLECTRO [DB Lectro Inc]
Homepage  http://www.dblectro.com
Logo 

CA42106M025AA Datasheet(HTML) 2 Page - DB Lectro Inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CA42 Dipped Tantalum Capacitors.
4
6.3
10
16
25(20)
35
50
0.1
104
A
A
0.15
154
A
A
0.22
224
A
A
0.33
334
A
A
0.47
474
A
A
0.68
684
A
A
1
105
AAAB
1.5
155
A
A
A
C
2.2
225
A
A
A
B
C
3.3
335
A
A
A
B
B
D
4.7
475
A
A
A
B
B
C
D
6.8
685
A
A
B
B
C
D
E
10
106
A
B
B
B
C
D
E
15
156
A
B
C
C
D
E
F
22
226
B
C
C
C
D
E
F
33
336
B
C
D
D
E
F
47
476
C
D
D
D
E
F
68
686
D
D
D
E
F
100
107
D
E
E
E
F
150
157
E
E
E
F
220
227
E
E
F
330
337
F
F
Cap.
¨Ì
¨Ì
¨Ì
¨Ì F©
©
©
©
Code
Rated voltage (V)
CA42
105
K
035
A
A
Type
Capacitance
Tolerance
DC voltage
Leads pitch
Packaging
4V=004
K=–10%
6.3V=006
M=–20%
10V=010
A=2.5mm
J=–5%
16V=016
B=5.0mm
25V=025
35V=035
40V=040
50V=050
Dipped
Tanatalum
Capacitors
105:
10X10
5(pF)This is
expressed in
picofarads. The
first two digits are
the significant
figures. The third is
the number of
zeros to follow.
T=Tape and reel
A=Ammo pack
B=bulk pack
Capacitance range,Case size(Letters stand for case sizes)
How To Order (CA42 105 K 035 A A)
DB LECTRO Inc.
DB LETRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn