Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC133 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. 74HC133
Description  13-input NAND gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC133 Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC133 Datasheet HTML 1Page - NXP Semiconductors 74HC133 Datasheet HTML 2Page - NXP Semiconductors 74HC133 Datasheet HTML 3Page - NXP Semiconductors 74HC133 Datasheet HTML 4Page - NXP Semiconductors 74HC133 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
September 1993
3
Philips Semiconductors
Product specification
13-input NAND gate
74HC133
PINNING
PIN NO.
SYMBOL
NAME AND FUNCTION
1..7, 10.. 15
A.. G, H..M
data input
8
GND
ground (0 V)
9
Y
data output
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN54LS133 13-INPUT NAND GATE 1  2  3  4  Motorola, Inc
DM74ALS133 13-Input NAND Gate 1  2  3  4  Fairchild Semiconductor
DM74S133 13-Input NAND Gate 1  2  3  4  Fairchild Semiconductor
HD74HC133 13-input NAND Gate 1  2  3  4  5  More Hitachi Semiconductor
MM74HC133 13-Input NAND Gate 1  2  3  4  National Semiconductor (TI)
54LS133 13-INPUT NAND GATE 1  2  National Semiconductor (TI)
GD74HCT133 13-INPUT NAND GATE 1  2  3  4  List of Unclassifed Manufacturers
54ACTQ10 Quiet Series Triple 3-Input NAND Gate 1  2  3  4  5  National Semiconductor (TI)
MM54C00 Quad 2-Input NAND Gate Quad 2-Input NOR Gate Hex Inverter Triple 3-Input NAND Gate Dual 4-Input NAND Gate 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn