Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC133 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. 74HC133
Description  13-input NAND gate
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74HC133 Datasheet(HTML) 2 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
September 1993
2
Philips Semiconductors
Product specification
13-input NAND gate
74HC133
FEATURES
• Output capability: standard
• ICC category: SSI
GENERAL DESCRIPTION
The HC133 is an high-speed Si-gate CMOS device and is pin compatible with low power Schottky TTL (LSTTL).
It is specified in compliance with JEDEC standard no. 7A.
The 74HC133 provides the 13-input NAND function.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25 °C; tr = tf = 6 ns
Notes to the quick reference data
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
∑ (CL × VCC2 × fo) = sum of the outputs.
2. For HC the condition is VI = GND to VCC
ORDERING INFORMATION
See also
“74HC/HCT/HCU/HCMOS Logic Package Information”.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
propagation delay A..M to Y
CL = 15 pF; VCC = 5 V
9
ns
CI
input capacitance
3.5
pF
CPD
power dissipation per gate
notes 1 and 2
19
pF
TYPE NUMBER
PACKAGES
PINS
PIN POSITION
MATERIAL
CODE
74HC133N
16
DIL
plastic
SOT38
74HC133D
16
SO
plastic
SOT109A


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54LS13313-INPUT NAND GATE 1 2 3 4 Motorola, Inc
DM74ALS13313-Input NAND Gate 1 2 3 4 Fairchild Semiconductor
DM74S13313-Input NAND Gate 1 2 3 4 Fairchild Semiconductor
HD74HC13313-input NAND Gate 1 2 3 4 5 MoreHitachi Semiconductor
MM74HC13313-Input NAND Gate 1 2 3 4 National Semiconductor (TI)
54LS13313-INPUT NAND GATE 1 2 National Semiconductor (TI)
GD74HCT13313-INPUT NAND GATE 1 2 3 4 List of Unclassifed Manufacturers
54ACTQ10Quiet Series Triple 3-Input NAND Gate 1 2 3 4 5 National Semiconductor (TI)
MM54C00Quad 2-Input NAND Gate Quad 2-Input NOR Gate Hex Inverter Triple 3-Input NAND Gate Dual 4-Input NAND Gate 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn