Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC133 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. 74HC133
Description  13-input NAND gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC133 Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC133 Datasheet HTML 1Page - NXP Semiconductors 74HC133 Datasheet HTML 2Page - NXP Semiconductors 74HC133 Datasheet HTML 3Page - NXP Semiconductors 74HC133 Datasheet HTML 4Page - NXP Semiconductors 74HC133 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
September 1993
5
Philips Semiconductors
Product specification
13-input NAND gate
74HC133
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: SSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tf = tr = 6 ns; CL = 50 pF
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
SYMBOL
PARAMETER
Tamb (°C)
TEST CONDITIONS
+25
−40 to +85
−40 to +125
UNIT
VCC
(V)
WAVEFORMS
MIN. TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
tPHL/tPLH
propagation delay
A..M to Y
36
13
10
110
22
19
140
28
23
165
33
28
ns
2.0
4.5
6.0
Fig.6
tTHL/tTLH
output transition
time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.6
Fig.6
Waveforms showing the input (A, B, C, D, E, F, G, H, I, J, K, L, M) to output (Y) propagation delays and
the output transition times.
(1) HC: VM = 50%; VI = GND to VCC.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN54LS133 13-INPUT NAND GATE 1  2  3  4  Motorola, Inc
DM74ALS133 13-Input NAND Gate 1  2  3  4  Fairchild Semiconductor
DM74S133 13-Input NAND Gate 1  2  3  4  Fairchild Semiconductor
HD74HC133 13-input NAND Gate 1  2  3  4  5  More Hitachi Semiconductor
MM74HC133 13-Input NAND Gate 1  2  3  4  National Semiconductor (TI)
54LS133 13-INPUT NAND GATE 1  2  National Semiconductor (TI)
GD74HCT133 13-INPUT NAND GATE 1  2  3  4  List of Unclassifed Manufacturers
54ACTQ10 Quiet Series Triple 3-Input NAND Gate 1  2  3  4  5  National Semiconductor (TI)
MM54C00 Quad 2-Input NAND Gate Quad 2-Input NOR Gate Hex Inverter Triple 3-Input NAND Gate Dual 4-Input NAND Gate 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn