Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EM6617 Datasheet(PDF) 22 Page - EM Microelectronic - MARIN SA

Part No. EM6617
Description  Ultra Low Power Microcontroller with ADC AND EEPROM
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMMICRO [EM Microelectronic - MARIN SA]
Homepage  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6617 Datasheet(HTML) 22 Page - EM Microelectronic - MARIN SA

Back Button EM6617 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 26Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 65 page
background image
EM6617
Copyright
© 2005, EM Microelectronic-Marin SA
22
www.emmicroelectronic.com
7.7 Port C Registers
Table 7.7.1 Register RegPCData
Bit
Name
Reset
R/W
Description
3
PCData[3]
-
R/W*
PC[3] input and output
2
PCData[2]
-
R/W*
PC[2] input and output
1
PCData[1]
-
R/W*
PC[1] input and output
0
PCData[0]
-
R/W*
PC[0] input and output
R* : Direct read on port C terminal (not the internal register read).
Table 7.7.2 Register RegPCCntl
Bit
Name
Reset
R/W
Description
3
--
0
R
Always reads 0
2
--
0
R
Always reads 0
1
--
0
R
Always reads 0
0
PCIOCntl
0
R/W
I/O control for port C
Default "0" is : Port C in input mode
Table 7.7.3 Option Register OPTPCandStr
Bit
Name
Power on
value
R/W
Description
3
NoPdPC
0
R/W
No pull-down on port C
2
NchOpDPC
0
R/W
N-channel Open Drain port C
1
StrobeOutSel1
0
R/W
Strobe output selection
0
StrobeOutSel0
0
R/W
Strobe output selection
Default "0" is : Pull-down on, CMOS on PC[3:0]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn