Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EM6617 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part No. EM6617
Description  Ultra Low Power Microcontroller with ADC AND EEPROM
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMMICRO [EM Microelectronic - MARIN SA]
Homepage  http://www.emmicroelectronic.com
Logo 

EM6617 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

 
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
EM6617
Copyright
© 2005, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
Ultra Low Power Microcontroller with ADC AND EEPROM
Features
• Low Power
- 3.2 µA active mode, ADC off
- 9.0 µA active mode, ADC on
- 0.6 µA standby mode
- 0.1µA sleep mode
@ 3.0V, 32kHz, 25°C
• Voltage range logic incl. EEPROM 2.0 to 5.5 V
• System operating clock : 32 or 128KHz (metal option)
• Voltage range for the ADC is 2.6 to 5.5 V
• 2 clocks per instruction cycle
• 72 basic instructions
• ROM
3k
× 16 bit
• RAM
128
× 4 bit
• E2PROM 64 × 8 bit
• Voltage Level Detector, 3 levels software
selectable :2.2, 2.5, 3.0 V
• 2 channel ADC, successive approximation method;
conversion time at 32 kHz : 305µs
• Max. 12 inputs (3 ports); port A, port B, port C
• Max. 8 outputs (2 ports); port B, port C
• Serial Write Buffer, 256 bit wide , 4 bit rates
• Oscillation supervisor and timer watchdog
• Universal 10-bit counter, PWM, event counter
• 8 internal interrupt sources (2 × timer , 2 × prescaler,
ADC, VLD, FIFO, EEPROM)
• 4 external interrupt sources (input port A )
• Frequency output; 32kHz, 2kHz, 1kHz, PWM
Description
The EM6617 is an advanced single chip CMOS 4-bit
microcontroller. It contains ROM, RAM, power on reset,
watchdog timer, oscillation detection circuit, combined
timer , event counter, prescaler, E
2PROM, 2 channel
ADC, serial write buffer, voltage level detector and
several clock functions. The low voltage feature and low
power consumption make it the most suitable controller
for battery, stand alone and mobile equipment. The
EM6617 is manufactured using EM Microelectronic’s
advanced low power (ALP) CMOS Process.
Typical Applications
• Sensor & detector interface
• Heat meter interface
• Security systems
• Household equipment controls
• Automotive controls
• Measurement equipment
• R/F and IR. control
• Voltage control
Figure 1. Architecture
Figure 2. Pin Configuration
EM MICROELECTRONIC - MARIN SA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn