Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EM6617 Datasheet(PDF) 60 Page - EM Microelectronic - MARIN SA

Part No. EM6617
Description  Ultra Low Power Microcontroller with ADC AND EEPROM
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMMICRO [EM Microelectronic - MARIN SA]
Homepage  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6617 Datasheet(HTML) 60 Page - EM Microelectronic - MARIN SA

Back Button EM6617 Datasheet HTML 56Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 57Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 58Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 59Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 60Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 61Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 62Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 63Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 64Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 65 page
background image
EM6617
Copyright
© 2005, EM Microelectronic-Marin SA
60
www.emmicroelectronic.com
21.7 Supply Voltage Level Detector
Parameter
Conditions Symbol
Min.
Typ.
Max.
Unit
SVLD voltage Level1
-10 ... 60
°C
VSVLD1
2.02
2.20
2.38
V
-40 ... 85
°C
1.98
2.20
2.42
SVLD voltage Level2
-10 ... 60
°C
VSVLD2
2.30
2.50
2.70
V
-40 ... 85
°C
2.25
2.50
2.75
SVLD voltage Level3
-10 ... 60
°C
VSVLD3
2.78
3.02
3.26
V
-40 ... 85
°C
2.72
3.02
3.32
Temperature coefficient
0 ... 50
°C
< +/- 0.2
mV/
°C
21.8 ADC 8 Bit
Conditions: T=25
°C , VDD=3.0V, System Clock=32 KHz , Ramp Input
Parameter
Conditions
Symb.
Min.
Typ.
Max.
Unit
Differential nonlinearity
Vgnd = VDD/2
Vref = VDD
DNL
+/-0.2
+/-0.5
LSB
Integral nonlinearity
Vgnd = VDD/2
Vref = VDD
INL
+/-0.2
+/-0.5
LSB
Gain Error
Vgnd = VDD/2
Vref = VDD
GE
+/- 0.5
LSB
Offest Error
Vgnd = VDD/2
Vref = VDD
OE
+/- 0.5
LSB
Total unadjusted error
Vgnd = VDD/2
Vref = VDD
TUE
+/- 1
LSB
Battery voltages for full
range conversion
Error DNL
0.2 LSB
Vrange
2.6
5.5
V
Missing Codes
No Missing Codes
The total unadjusted error is a combination of the offset, gain and INL errors.
21.9 EEPROM
Parameter
Conditions
Symb.
Min.
Typ.
Max.
Unit
Read time
(note 9)
-40 ... 85°C
EEPrd
45
us
Write time
(note 9)
-40 ... 85°C
EEPwr
24
ms
VDD during write and read
operation
-40 ... 85°C
VEEP
2.0
5.5
V
Note 9 : The typical values are guaranteed by design for a) 32kHz operation or b) 128kHz operation with the
corresponding metal mask set. Using different frequencies one must assure not to fall below min value.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn