Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EM6617 Datasheet(PDF) 59 Page - EM Microelectronic - MARIN SA

Part No. EM6617
Description  Ultra Low Power Microcontroller with ADC AND EEPROM
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMMICRO [EM Microelectronic - MARIN SA]
Homepage  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6617 Datasheet(HTML) 59 Page - EM Microelectronic - MARIN SA

Back Button EM6617 Datasheet HTML 55Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 56Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 57Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 58Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 59Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 60Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 61Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 62Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 63Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 65 page
background image
EM6617
Copyright
© 2005, EM Microelectronic-Marin SA
59
www.emmicroelectronic.com
21.6 DC characteristics - I/O Pins
Conditions: T= -40 ... 85
°C (unless otherwise specified)
Parameter
Conditions
Symb.
Min.
Typ.
Max.
Unit
Input Low voltage (static)
Ports A,B,C Test
VDD = 3.0 V
VIL
Vss
0.3*VDD
V
QIN with Regulator
VDD = 3.0 V
VIL
Vss
0.1*Vreg V
QOUT (note 7)
Input High voltage (static)
Ports A,B,C Test
VIH
0.7*VDD
VDD
V
QIN with Regulator
VIH
0.9*Vreg
Vreg
V
QOUT (note 7)
Output Low Current
VDD=3.0V , VOL=0.15V
IOL
4.8
mA
PortB. PortC
VDD=3.0V , VOL=0.30V
IOL
9.5
mA
VDD=3.0V , VOL=0.50V
IOL
15.0
mA
VDD=3.0V , VOL=1.0V
IOL
16.0
29.0
mA
Output Low Current
VDD=3.0V , VOL=0.15V
IOL
1.8
mA
Data, Clock, Strobe
VDD=3.0V , VOL=0.30V
IOL
3.6
mA
VDD=3.0V , VOL=0.50V
IOL
5.8
mA
VDD=3.0V , VOL=1.0V
IOL
6.0
10.0
mA
Output High Current
VDD=3.0V, VOH= VDD-0.15V
IOH
-1.6
mA
PortB, PortC
VDD=3.0V, VOH= VDD-0.30V
IOH
-3.2
mA
VDD=3.0V, VOH= VDD-0.50V
IOH
-5.4
mA
VDD=3.0V, VOH= VDD-1.0 V
IOH
-10
-6.0
mA
Output High Current
VDD=3.0V, VOH= VDD-0.15V
IOH
-1.3
mA
Data, Clock, Strobe
VDD=3.0V, VOH= VDD-0.30V
IOH
-2.5
mA
VDD=3.0V, VOH= VDD-0.50V
IOH
-4.1
mA
VDD=3.0V, VOH= VDD-1.0 V
IOH
-7.5
-4
mA
Input Pull-down
VDD=3.0V, Pin at 3.0V, 25
°C
RPD
12k
Ohm
Test, Reset
Input Pull-down
VDD=3.0V, Pin at 3.0V, 25
°C
RPD
150k
Ohm
Port A,B,C (note 8) weak
Input Pull-up
VDD=3.0V, Pin at 0.0V, 25
°C
RPU
400k
Ohm
Port A,B,C (note 8) weak
Input Pull-down
VDD=3.0V, Pin at 3.0V, 25
°C
RPD
63k
94k
142k
Ohm
Port A,B,C (note 8) strong
Input Pull-up
VDD=3.0V, Pin at 0.0V, 25
°C
RPU
62k
98k
146k
Ohm
Port A,B,C (note 8) strong
Note 7 ; QOUT (OSC2) is used only with Quartz.
Note 8 : Weak or strong are standing for weak pull or strong pull transistor. Values are for R1=100kOhm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn