Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EM6617 Datasheet(PDF) 58 Page - EM Microelectronic - MARIN SA

Part No. EM6617
Description  Ultra Low Power Microcontroller with ADC AND EEPROM
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMMICRO [EM Microelectronic - MARIN SA]
Homepage  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6617 Datasheet(HTML) 58 Page - EM Microelectronic - MARIN SA

Back Button EM6617 Datasheet HTML 54Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 55Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 56Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 57Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 58Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 59Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 60Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 61Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 62Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 65 page
background image
EM6617
Copyright
© 2005, EM Microelectronic-Marin SA
58
www.emmicroelectronic.com
21.4 DC Characteristics - Power Supply
Conditions: VDD=3.0V, T=25°C, 32kHz
Parameter
Conditions
Symbol
Min.
Typ.
Max.
Unit
ACTIVE Supply Current
IVDDa1
9.0
12.0
µA
(in active mode , ADC on)
-40 ... 85°C
IVDDa1
14.0
µA
ACTIVE Supply Current
IVDDa2
3.2
3.8
µA
(in active mode , ADC off)
-40 ... 85°C
IVDDa2
4.5
µA
EEPROM write current
IVDDa3
38
48
µA
during write pulse (20ms)
-40 ... 85°C
IVDDa3
70
µA
EEPROM read current
IVDDa4
90
120
µA
during read pulse (30µs)
-40 ... 85°C
IVDDa4
150
µA
STANDBY Supply Current
IVDDh1
0.55
0.8
µA
(in Halt mode, ADC off)
-40 ... 85°C
IVDDh1
1.0
µA
SLEEP Supply Current
IVDDs1
0.1
0.3
µA
(in sleep mode)
-40 ... 85°C
IVDDs1
0.4
µA
POR static level
VPOR1
1.4
1.6
1.8
V
RAM data retention
Vrd1
1.4
V
Regulated voltage
VDD > 2.2 V
Vreg
2.05
21.5 Oscillator
Conditions: T=25
°C , VDD=3.0V (unless otherwise specified)
Parameter
Conditions
Symbol
Min.
Typ.
Max.
Unit
Temperature stability
+15 ... +35 °C
df/f x dT
0,3
ppm /°C
Voltage stability
VDD=2.2 - 5.5 V
df/f x dU
5
ppm /V
Input capacitor
Ref. on VSS
Cin
5,5
7
8,5
pF
Output capacitor
Ref. on VSS
Cout
11,0
14
17.0
pF
Transconductance
50mVpp,VDDmin
Gm
2.5
15.0
µA /V
Oscillator start voltage
Tstart < 10 s
Ustart
VDDmin
V
Oscillator start time
VDD > VDDMin
tdosc
0.5
3
s
System start time
(oscillator + cold-start +
reset)
tdsys
1.5
4
s
Oscillation detector
frequency
VDD > VDDmin
tDetFreq
12
kHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn